Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

047RMS Datasheet(PDF) 12 Page - List of Unclassifed Manufacturers

Part # 047RMS
Description  Aluminum electrolytic capacitors Radial Miniature Semi-Professional
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

047RMS Datasheet(HTML) 12 Page - List of Unclassifed Manufacturers

Back Button 047RMS Datasheet HTML 5Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 6Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 7Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 8Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 9Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 10Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 11Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 12Page - List of Unclassifed Manufacturers 047RMS Datasheet HTML 13Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
2000 Jan 18
12
BC Components
Product specification
Aluminum electrolytic capacitors
Radial Miniature Semi-Professional
047 RMS
RIPPLE CURRENT AND USEFUL LIFE
Table 3
Multiplier of ripple current (IR) as a function of frequency
FREQUENCY
(Hz)
IR MULTIPLIER
UR = 16 and 25 V
UR = 35 and 40 V
UR = 50 and 63 V
50
0.95
0.85
0.80
100
1.00
1.00
1.00
300
1.07
1.20
1.25
1000
1.12
1.30
1.40
3000
1.15
1.35
1.50
≥10000
1.20
1.40
1.60
handbook, full pagewidth
3.8
3.7
3.6
3.5
3.4
3.3
3.2
3.0
2.8
2.6
2.4
2.2
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.5
0.0
3.1
40
50
60
70
80
90
100
110
CCC206
lifetime multiplier
(1)
Tamb (°C)
IA
IR
Fig.11 Multiplier of useful life as a function of ambient temperature and ripple current load.
IA = actual ripple current at 100 Hz.
IR = rated ripple current at 100 Hz, 105 °C.
(1) Useful life at 105
°C and I
R applied: 1 500 hours.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com