Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IX6611 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IX6611
Description  IGBT Gate Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX6611 Datasheet(HTML) 1 Page - IXYS Corporation

  IX6611 Datasheet HTML 1Page - IXYS Corporation IX6611 Datasheet HTML 2Page - IXYS Corporation IX6611 Datasheet HTML 3Page - IXYS Corporation IX6611 Datasheet HTML 4Page - IXYS Corporation IX6611 Datasheet HTML 5Page - IXYS Corporation IX6611 Datasheet HTML 6Page - IXYS Corporation IX6611 Datasheet HTML 7Page - IXYS Corporation IX6611 Datasheet HTML 8Page - IXYS Corporation IX6611 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
DS-IX6611-R00A
PRELIMINARY
1
Features
• Input Compatible with Pulse Transformer
• 10A Peak Source and Sink Current Gate Drive
• Separate Source and Sink Outputs
• Negative Gate Drive Capability
• Over Current Protection
with Adjustable Blanking Time
• Advanced Active Clamping Protection
• Under Voltage Lockout Protection
• Over Voltage Lockout Protection
• Two One-Amp Pulse Transformer drivers
for Fault Communication
Applications
• AC and DC Motor Drives
• UPS Systems
• High Voltage DC/DC Converters
Description
The IX6611 is a secondary side, intelligent, high
speed gate driver designed to drive IXYS IGBTs as
well as power MOSFET devices. The IX6611 gate
driver contains the necessary circuit blocks for pulse
transformer isolated applications. High frequency,
narrow pulses are used for bidirectional data transfer
across the isolation boundary to avoid duty cycle
restrictions and to prevent transformer saturation. The
IX6611 includes the necessary monitor/protection
functions such as Supply Under Voltage Lockout,
Supply Over Voltage Lockout, Thermal Shut down,
external IGBT Over Current and Over Voltage
protection.
The IX6611 is designed to operate over a temperature
range of -40°C to +125°C. The IX6611 is available in a
16-lead SOIC with an exposed thermal pad.
Ordering Information
Figure 1. IX6611 Block Diagram
Part
Description
IX6611T
16-Pin SOIC in Tubes (50/Tube)
IX6611TR
16-Pin SOIC Tape & Reel (1000/Reel)
IX6611
Tested Die
V
CC
V
CC
V
DD
V
DD
COM
COM
REF2
REF1
OVLO
COMP
UVLO
COMP
VREF IBLANK
REF0
REF1
REF2
REF3
REF4
300mV
V
DD
V
DD
V
DD
V
EE
V
EE
LEVEL
SHIFT
FAULT
CONTROL
LOGIC
OUTPUT
FAULT PULSE
GENERATOR
V
EE
V
EE
FLT1
FLT2
V
EE
NC
V
DD
V
DD
V
DD
V
DD
V
EE
V
EE
V
EE
V
EE
V
EE
V
EE
V
CC
V
EE
RCVP
RCVN
INB
IN
V
EE
PULSE
RECOVERY
LOGIC
LEVEL
SHIFT
THSD
ACL
COMP
OC
COMP
300mV
3.1V
RICM
EN
OFF
EN
ON
ACL
ICM
V
CC
V
CC
V
CC
V
DD
V
DD
V
CC
V
EE
V
EE
V
EE
V
EE
C
BLANK
REF0
IBLANK
LEB
COMP
5V REGULATOR
REFERENCED
TO V
EE
V
CC
V
CC
V
EE
PV
CC
PV
CC
OUTP
OUTN
PV
EE
PV
EE
V
EE
V
EE
V
CC
ON
OFF
PGATE
NGATE
GATE
CONTROL
LOGIC
6
4
3
9
11
7
5
10
2
1
16
15
13
12
8
14
IX6611
IGBT Gate Driver


Similar Part No. - IX6611

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IX6610 IXYS-IX6610 Datasheet
2Mb / 23P
Transformer Coupled Driver Logic Interface
IX6610T IXYS-IX6610T Datasheet
2Mb / 23P
Transformer Coupled Driver Logic Interface
IX6610TR IXYS-IX6610TR Datasheet
2Mb / 23P
Transformer Coupled Driver Logic Interface
More results

Similar Description - IX6611

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA8316AS TOSHIBA-TA8316AS Datasheet
213Kb / 6P
IGBT GATE DRIVER
logo
Integral Corp.
IL33153 INTEGRAL-IL33153 Datasheet
124Kb / 3P
SINGLE IGBT GATE DRIVER
logo
List of Unclassifed Man...
OM9401SF ETC1-OM9401SF Datasheet
35Kb / 3P
HERMETIC IGBT GATE DRIVER
logo
International Rectifier
OM9404SM IRF-OM9404SM Datasheet
32Kb / 3P
IGBT GATE DRIVER
logo
Fairchild Semiconductor
FAN8800 FAIRCHILD-FAN8800 Datasheet
101Kb / 16P
Single IGBT Gate Driver
logo
ON Semiconductor
MC33153 ONSEMI-MC33153_06 Datasheet
131Kb / 13P
Single IGBT Gate Driver
July, 2006 ??Rev. 5
logo
IK Semicon Co., Ltd
IL33153 IKSEMICON-IL33153 Datasheet
356Kb / 14P
Single IGBT Gate Driver
logo
Isahaya Electronics Cor...
RT8H255C ISAHAYA-RT8H255C Datasheet
211Kb / 5P
IGBT Gate Driver
logo
Unisonic Technologies
UA8316 UTC-UA8316 Datasheet
171Kb / 6P
IGBT GATE DRIVER
UA8316 UTC-UA8316_15 Datasheet
171Kb / 6P
IGBT GATE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com