Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXD611S7 Datasheet(PDF) 13 Page - IXYS Corporation

Part # IXD611S7
Description  600V, 600 mA High & Low-side Driver for N-Channel MOSFETs and IGBTs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXD611S7 Datasheet(HTML) 13 Page - IXYS Corporation

Back Button IXD611S7 Datasheet HTML 6Page - IXYS Corporation IXD611S7 Datasheet HTML 7Page - IXYS Corporation IXD611S7 Datasheet HTML 8Page - IXYS Corporation IXD611S7 Datasheet HTML 9Page - IXYS Corporation IXD611S7 Datasheet HTML 10Page - IXYS Corporation IXD611S7 Datasheet HTML 11Page - IXYS Corporation IXD611S7 Datasheet HTML 12Page - IXYS Corporation IXD611S7 Datasheet HTML 13Page - IXYS Corporation IXD611S7 Datasheet HTML 14Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
IXD611
© 2007 IXYS CORPORATION All rights reserved
Normalized PW Out vs. PW In (Low Side)
VIN = VSUPPLY = 10V, 20V, 30V CLOAD = 1000pF
0
0.2
0.4
0.6
0.8
1
1.2
0
50
100
150
200
250
300
350
400
Pulse Width In (ns)
Normalized PW Out vs. PW In (High Side)
VIN = VSUPPLY = 10V, 20V, 30V CLOAD = 1000pF
0
0.2
0.4
0.6
0.8
1
1.2
0
50
100
150
200
250
300
350
400
Pulse Width In (ns)
10V
20V
30V
Fig. 35
Fig. 36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com