Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LDS9003 Datasheet(PDF) 21 Page - IXYS Corporation

Part # LDS9003
Description  High Power LED Temperature and PWM Controller with LED-SenseTM In-Situ LED TJ Sensing
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

LDS9003 Datasheet(HTML) 21 Page - IXYS Corporation

Back Button LDS9003 Datasheet HTML 17Page - IXYS Corporation LDS9003 Datasheet HTML 18Page - IXYS Corporation LDS9003 Datasheet HTML 19Page - IXYS Corporation LDS9003 Datasheet HTML 20Page - IXYS Corporation LDS9003 Datasheet HTML 21Page - IXYS Corporation LDS9003 Datasheet HTML 22Page - IXYS Corporation LDS9003 Datasheet HTML 23Page - IXYS Corporation LDS9003 Datasheet HTML 24Page - IXYS Corporation LDS9003 Datasheet HTML 25Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
LDS9003 / 9001
© 2009 IXYS Corp.
21
Doc. No. 9003/9001_DS, Rev. N1.0
Characteristics subject to change without notice
PACKAGE DRAWING AND DIMENSIONS
16-PIN TQFN (HV3), 3mm x 3mm, 0.5mm PITCH
SYMBOL
MIN
NOM
MAX
A
0.70
0.75
0.80
A1
0.00
0.02
0.05
A2
0.178
0.203
0.228
b
0.20
0.25
0.30
D
2.95
3.00
3.05
D1
1.65
1.70
1.75
E
2.95
3.00
3.05
E1
1.65
1.70
1.75
e
0.50 typ
L
0.325
0.375
0.425
m
0.150 typ
n
0.225 typ
Note:
1.
All dimensions are in millimeters
2.
Complies with JEDEC Standard MO-220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com