Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1DF0T15 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 1DF0T15
Description  Low Dissipation Factor Disc Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1DF0T15 Datasheet(HTML) 2 Page - Vishay Siliconix

  1DF0T15 Datasheet HTML 1Page - Vishay Siliconix 1DF0T15 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Document Number: 23093
Revision 14-May-02
www.vishay.com
24
1DFO, 2DFO, 3DFO Series
Vishay Cera-Mite
ceramite.support@vishay.com
NP0
15%
10%
5%
0%
5%
10%
15%
20%
25%
N1500
N2000
N2200
N2500
N2800
45
55
65 75
85
95
105
Temperature Characteristic
- 35 -25 -15
-5
5
15
25
35
Note 2
D
T
LS
VALUE
CATALOG
TEMP
DIAMETER THICKNESS LEAD SPACE
pF
TOL.
NUMBER
CHAR.
(
in / mm)
(
in / mm)
(
in / mm)
10
5%
3DF0Q10 N1500 .290 (7.4) .185 (4.7)
.250 (6.4)
12
5%
3DF0Q12 N2200 .290 (7.4) .210 (5.3)
.250 (6.4)
15
5%
3DF0Q15 N2200 .290 (7.4) .185 (4.7)
.250 (6.4)
18
5%
3DF0Q18 N2200 .290 (7.4) .185 (4.7)
.250 (6.4)
22
5%
3DF0Q22 N2200 .330 (8.4) .210 (5.3)
.250 (6.4)
27
5%
3DF0Q27 N1500 .290 (7.4) .220 (5.6)
.250 (6.4)
33
5%
3DF0Q33 N1500 .290 (7.4) .195 (5.0)
.250 (6.4)
39
5%
3DF0Q39 N1500 .290 (7.4) .190 (4.8)
.250 (6.4)
47
5%
3DF0Q47 N1500 .330 (8.4) .225 (5.7)
.250 (6.4)
56
5%
3DF0Q56 N2000 .290 (7.4) .210 (5.3)
.250 (6.4)
68
5%
3DF0Q68 N2000 .290 (7.4) .190 (4.8)
.250 (6.4)
82
5%
3DF0Q82 N2000 .290 (7.4) .185 (4.7)
.250 (6.4)
100
10%
3DF0T10 N2500 .290 (7.4) .205 (5.2)
.250 (6.4)
120
10%
3DF0T12 N2500 .290 (7.4) .190 (4.8)
.250 (6.4)
150
10%
3DF0T15 N2800 .290 (7.4) .200 (5.1)
.250 (6.4)
180
10%
3DF0T18 N2800 .290 (7.4) .190 (4.8)
.250 (6.4)
220
10%
3DF0T22 N2500 .330 (8.4) .190 (4.8)
.250 (6.4)
270
10%
3DF0T27 N2800 .330 (8.4) .205 (5.2)
.250 (6.4)
330
10%
3DF0T33 N2800 .330 (8.4) .190 (4.8)
.250 (6.4)
390
10%
3DF0T39 N2800 .400 (10.2) .215 (5.5)
.250 (6.4)
470
10%
3DF0T47 N2800 .400 (10.2) .195 (5.0)
.250 (6.4)
560
10%
3DF0T56 N2800 .430 (10.9) .200 (5.1)
.250 (6.4)
680
10%
3DF0T68 N2800 .460 (11.7) .195 (5.0)
.250 (6.4)
820
10%
3DF0T82 N2800 .490 (12.5) .195 (5.0)
.250 (6.4)
1000 10% 3DF0D10 N2800 .530 (13.5) .190 (4.8)
.250 (6.4)
1200 10% 3DF0D12 N2800 .560 (14.2) .190 (4.8)
.375 (9.5)
1500 10% 3DF0D15 N2800 .620 (15.8) .190 (4.8)
.375 (9.5)
1800 10% 3DF0D18 N2800 .680 (17.3) .190 (4.8)
.375 (9.5)
2200 10% 3DF0D22 N2800 .720 (18.3) .190 (4.8)
.375 (9.5)
2300 10% 3DF0D23 N2800 .720 (18.3) .190 (4.8)
.375 (9.5)
2400 10% 3DF0D24 N2800 .790 (20.1) .195 (5.0)
.375 (9.5)
2500 10% 3DF0D25 N2800 .790 (20.1) .195 (5.0)
.375 (9.5)
2700 10% 3DF0D27 N2800 .790 (20.1) .190 (4.8)
.375 (9.5)
3300 10% 3DF0D33 N2800 .900 (22.9) .200 (5.1)
.375 (9.5)
3900 10% 3DF0D39 N2800 .900 (22.9) .190 (4.8)
.375 (9.5)
4700 10% 3DF0D47 N2800 .950 (24.1) .185 (4.7)
.375 (9.5)
Note 3
WIRE LEAD INFORMATION
P
ower Rating - 1DFO Series 500 Vrms Low DF - Note 1
P
ower Rating - 2DFO Series 1000 Vrms Low DF - Note 1
P
ower Rating - 3DFO Series 1500 Vrms Low DF - Note 1
Φ WIRE SIZE
“LO” TYP LEAD OFFSET
SERIES
AWG /
in / mm
in / mm
1DFO
22 .025 (.64)
.045 (1.2)
2DFO
20 .032 (.81)
.075 (1.8)
3DFO
20 .032 (.81)
.095 (2.4)
Note 2
Note 2
Note 3
Alternate lead spacing of 5mm, 7.5mm, and 10mm are
available bulk or tape & reel.
Fig 8
Appl
ication Range: 1500 Vrms, 3000 VDC
3DFO SERIES - LOW DISSIPATION FACTOR
564C
Series
0.125" (3.2)
Tinned Copper Leads
1.250" min (32)
D
max
T
max
LS
LO
T
emperature Characteristics for 1DFO, 2DFO & 3DFO Series
550
500
450
400
350
300
250
200
150
100
0
10
20
30
40
50
60
70
80
90
100
Frequency (kHz)
1000pF
1DFOD10
390pF
1DFOT39
150pF
1DFOT15
270pF
1DFOT27
2400pF
1DFOD24
6800pF
1DFOD68
Frequency (kHz)
390pF
2DFOT39
150pF
2DFOT15
47pF
2DFOQ47
82pF
2DFOQ82
1800pF
2DFOD18
6800pF
2DFOD68
0
10
20
30
40
50
60
70
80
90
100
1100
1000
900
800
700
600
500
400
300
200
100
150 pF
3DFOT15
68 pF
3DFOQ68
22 pF
3DFOQ22
39 pF
3DFOQ39
1000 pF
3DFOD10
4700 pF
3DFOD47
0
10
20
30
40
50
60
70
80
90
100
Frequency (kHz)
1600
1400
1200
1000
800
600
400
200
Low Dissipation Factor Disc Capacitors
NPO
0
± 30
N1500
-1500 ± 250
N2000
-2000 ± 500
N2200
-2200 ± 500
M2500 -2500 ± 500
N2800
-2800 ± 500
T
emperature °C
Ma
terial
ppm/°C
T
ol



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com