Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD5675 Datasheet(PDF) 21 Page - Analog Devices

Part # AD5675
Description  Octal, 16-Bit nanoDAC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5675 Datasheet(HTML) 21 Page - Analog Devices

Back Button AD5675 Datasheet HTML 17Page - Analog Devices AD5675 Datasheet HTML 18Page - Analog Devices AD5675 Datasheet HTML 19Page - Analog Devices AD5675 Datasheet HTML 20Page - Analog Devices AD5675 Datasheet HTML 21Page - Analog Devices AD5675 Datasheet HTML 22Page - Analog Devices AD5675 Datasheet HTML 23Page - Analog Devices AD5675 Datasheet HTML 24Page - Analog Devices AD5675 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Data Sheet
AD5675
Rev. C | Page 21 of 27
READ OPERATION
When reading data back from the AD5675, begin with a start
command followed by an address byte (R/W = 0), after which
the DAC acknowledges that it is prepared to receive data by
pulling SDA low. The address byte must be followed by the
command byte, which determines both the read command that
is to follow and the pointer address to read from; the command
byte is also acknowledged by the DAC. The user configures the
channel to read back the contents of one or more DAC input
registers and sets the readback command to active using the
command byte.
Then, the master establishes a repeated start condition, and the
address is resent with R/W = 1. This byte is acknowledged by the
DAC, indicating that it is prepared to transmit data. Two bytes
of data are then read from the DAC, as shown in Figure 44. A
NACK condition from the master, followed by a stop condition,
completes the read sequence. If more than one DAC is selected,
DAC 0 is read back by default.
MULTIPLE DAC READBACK SEQUENCE
When reading data back from multiple AD5675 DACs, the user
begins with an address byte (R/W = 0), after which the DAC
acknowledges that it is prepared to receive data by pulling SDA
low. The address byte must be followed by the command byte,
which is also acknowledged by the DAC. The user selects the
first channel to read back using the command byte.
Following this sequence, the master establishes a repeated start
condition, and the address is resent with R/W = 1. This byte is
acknowledged by the DAC, indicating that it is prepared to
transmit data. The first two bytes of data are then read from
DAC Input Register n (selected using the command byte), MSB
first, as shown in Figure 44. The next two bytes read back are the
contents of DAC Input Register n + 1, and the next bytes read
back are the contents of DAC Input Register n + 2. Data is read
from the DAC input registers in this auto-incremented fashion
until a NACK followed by a stop condition follows. If the
contents of DAC Input Register 7 are read out, the next two
bytes of data read are the contents of DAC Input Register 0.
FRAME 2
COMMAND BYTE
FRAME 1
SLAVE ADDRESS
1
1
0
0
0
1
A1
A0
R/W
DB23
DB22
DB21
DB20
DB19
DB18
DB17
DB16
9
9
1
START BY
MASTER
ACK BY
AD5675
ACK BY
AD5675
SCL
SCL
SDA
1
9
9
1
1
9
9
1
ACK BY
AD5675
REPEATED START BY
MASTER
ACK BY
MASTER
FRAME 4
MOST SIGNIFICANT
DATA BYTE n
FRAME 3
SLAVE ADDRESS
ACK BY
MASTER
NACK BY
MASTER
STOP BY
MASTER
FRAME 6
MOST SIGNIFICANT
DATA BYTE n + 1
FRAME 5
LEAST SIGNIFICANT
DATA BYTE n
1
0
0
0
1
A1
A0
R/W
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
SDA
SCL
(CONTINUED)
SDA
(CONTINUED)
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
DB15
DB14
DB13 DB12
DB11
DB10
DB9
DB8
Figure 44. I2C Read Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com