| Electronic Components Datasheet Search |
|
AD9144-EBZ Datasheet(PDF) 44 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9144-EBZ Datasheet(HTML) 44 Page - Analog Devices |
|
44 / 125 page ![]() AD9144 Data Sheet Rev. B | Page 44 of 125 Deterministic Latency Requirements Several key factors are required for achieving deterministic latency in a JESD204B Subclass 1 system. SYSREF± signal distribution skew within the system must be less than the desired uncertainty. SYSREF± setup and hold time requirements must be met for each device in the system. The total latency variation across all lanes, links, and devices must be ≤10 PClock periods. This includes both variable delays and the variation in fixed delays from lane to lane, link to link, and device to device in the system. Link Delay The link delay of a JESD204B system is the sum of fixed and variable delays from the transmitter, channel, and receiver as shown in Figure 48. For proper functioning, all lanes on a link must be read during the same LMFC period. Section 6.1 of the JESD204B specification states that the LMFC period must be larger than the maximum link delay. For the AD9144, this is not necessarily the case; instead, the AD9144 uses a local LMFC for each link (LMFCRx) that can be delayed from the SYSREF aligned LMFC. Because the LMFC is periodic, this can account for any amount of fixed delay. As a result, the LMFC period must only be larger than the variation in the link delays, and the AD9144 can achieve proper performance with a smaller total latency. Figure 46 and Figure 47 show a case where the link delay is larger than an LMFC period. Note that it can be accommodated by delaying LMFCRx. ILAS DATA POWER CYCLE VARIANCE LMFC ALIGNED DATA EARLY ARRIVING LMFC REFERENCE LATE ARRIVING LMFC REFERENCE Figure 46. Link Delay > LMFC Period Example ILAS DATA FRAME CLOCK POWER CYCLE VARIANCE LMFC ALIGNED DATA LMFCRX LMFC_DELAY LMFC REFERENCE FOR ALL POWER CYCLES Figure 47. LMFC_DELAY to Compensate for Link Delay > LMFC ILAS ILAS FIXED DELAY VARIABLE DELAY POWER CYCLE VARIANCE DATA LMFC ALIGNED DATA AT Rx OUTPUT DATA AT Tx INPUT DATA DSP CHANNEL LOGIC DEVICE (JESD204B Tx) JESD204B Rx DAC LINK DELAY = DELAYFIXED + DELAYVARIABLE Figure 48. JESD204B Link Delay = Fixed Delay + Variable Delay |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |