Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA07106 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA07106
Description  SAW Filter 184.0MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07106 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA07106 Datasheet HTML 1Page - Golledge Electronics Ltd MA07106 Datasheet HTML 2Page - Golledge Electronics Ltd MA07106 Datasheet HTML 3Page - Golledge Electronics Ltd MA07106 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, Ilminster
Somerset, TA19 9DQ, UK
SAW Filter 184.0MHz
Model: TA0461A
Part No: MA07106
REV. NO.: 2
TA0461A v2
1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC voltage: 5 V
3. Operating Temperature: -20
°C to +85°C
4. Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Specification
Unit
Min.
Typ.
Max.
Center Frequency
Fc MHz
-
184
-
Insertion Loss
ILmin (reference level)
dB
-
1.6
2.8
Bandwidth
BW-3dB MHz
6
9
-
Absolute Attenuation(reference to ILmindB)
Fc
-50 ~ Fc-30
MHz
dB
42
54
-
Fc
-30 ~ Fc-15
MHz
dB
36
52
-
Fc+30 ~ Fc+100
MHz
dB
42
48
-
Source impedance
Zs
-
50
-
Load impedance
ZL
-
50
-
Note: ILmin is the minimum of the pass band attenuation. The center frequency Fc is the mean value
of the upper and lower frequencies at the 3dB filter attenuation level relative to the ILmin.
C. MEASUREMENT CIRCUIT:


Similar Part No. - MA07106

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA07107 GOLLEDGE-MA07107 Datasheet
121Kb / 4P
169MHz SAW Filter
More results

Similar Description - MA07106

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
logo
Golledge Electronics Lt...
MA06029 GOLLEDGE-MA06029 Datasheet
116Kb / 4P
SAW Filter 184.0MHz
MP04679 GOLLEDGE-MP04679 Datasheet
154Kb / 5P
SAW Filter 184.0MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com