Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA07107 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA07107
Description  169MHz SAW Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07107 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA07107 Datasheet HTML 1Page - Golledge Electronics Ltd MA07107 Datasheet HTML 2Page - Golledge Electronics Ltd MA07107 Datasheet HTML 3Page - Golledge Electronics Ltd MA07107 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset,TA19 9DQ, UK
169MHz SAW Filter
Model: TA0437A
Part No: MA07107
REV NO: 1
TA0437A v1
1
A.
MAXIMUM RATING:
1.
Input Power Level: 10dBm
2.
DC voltage: 3V
3.
Operating Temperature: -10
°C to +70°C
4.
Storage Temperature: -40
°C to +85°C
B.
ELECTRICAL CHARACTERISTICS:
Item
Specification
Unit
Min.
Typ.
Max.
Center Frequency
Fc
MHz
-
169
-
Insertion Loss
ILmin (reference level)
dB
-
1.5
2.8
Bandwidth
BW
MHz
6
8.8
-
Absolute Attenuation(reference to ILmindB)
Fc
-50 ~ Fc-30
MHz
dB
42
54
-
Fc
-30 ~ Fc-15
MHz
dB
36
52
-
Fc+30 ~ Fc+50
MHz
dB
40
51
-
Source impedance
Zs
Ω
-
50
-
Load impedance
ZL
Ω
-
50
-
Note: ILmin is the minimum of the pass band attenuation. The center frequency Fc is the
mean value of the upper and lower frequencies at the 3dB filter attenuation level relative to
the ILmin.


Similar Part No. - MA07107

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA07106 GOLLEDGE-MA07106 Datasheet
110Kb / 4P
SAW Filter 184.0MHz
More results

Similar Description - MA07107

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBS16901 SIPAT-LBS16901 Datasheet
139Kb / 3P
169MHz SAW Filter 4MHz Bandwidth
LBS16902 SIPAT-LBS16902 Datasheet
138Kb / 3P
169MHz SAW Filter 4MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0377A TAI-SAW-TA0377A Datasheet
464Kb / 5P
SAW Filter 169MHz SMD 7.0횞5.0 mm
TA0437A TAI-SAW-TA0437A Datasheet
444Kb / 5P
SAW Filter 169MHz SMD 5.0횞5.0 mm
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBS16901 SIPAT-LBS16901 Datasheet
144Kb / 3P
169MHz SAW Filter 4MHz Bandwidth
LBS16902 SIPAT-LBS16902 Datasheet
143Kb / 3P
169MHz SAW Filter 4MHz Bandwidth
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
logo
Taoglas antenna solutio...
HA10A TAOGLAS-HA10A Datasheet
1Mb / 14P
169MHz Helical Monopole Antenna
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com