Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA07350 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA07350
Description  SAW Filter 810.0MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07350 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA07350 Datasheet HTML 1Page - Golledge Electronics Ltd MA07350 Datasheet HTML 2Page - Golledge Electronics Ltd MA07350 Datasheet HTML 3Page - Golledge Electronics Ltd MA07350 Datasheet HTML 4Page - Golledge Electronics Ltd MA07350 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Ashwell Park, Ilminster
Somerset,TA19 9DX, UK
SAW Filter 810.0MHz
Model: TA0438A
Part No: MA07350
REV. NO.: 2
TA0438A v2
1
A. MAXIMUM RATING:
1. Operating Temperature: 0
°C ~ 70°C
2. Storage Temperature: -40
°C ~ +85°C
B. CHARACTERISTICS :
Balanced to Balanced operation
Terminating source impedance :
Zs = 200
Terminating load impedance :
ZL = 200
Value
Characteristics
Min.
Typ.
Max.
Unit
Center frequency
Fc
-
810
-
MHz
Minimum Insertion loss 801.5~818.5 MHz ILmin
-
1.6
3.8
dB
Ripple
801.5~818.5 MHz
-
0.6
1.5
dB
Group Delay
801.5~818.5 MHz
-
0.07
0.11
µs
Group Delay Variation 801.5~818.5 MHz
-
23
75
ns
Attenuation:( Reference level from 0 dB)
1) 660…760MHz
41
49
-
dB
2)
790MHz
17
29
-
dB
3)
830MHz
17
21
-
dB
4) 860…960MHz
38
43
-
dB
Note: ILmin is the minimum of the pass band attenuation.
C. MEASUREMENT CIRCUIT:


Similar Part No. - MA07350

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA07352 GOLLEDGE-MA07352 Datasheet
167Kb / 6P
SAW Filter 1950.0MHz
More results

Similar Description - MA07350

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
logo
Golledge Electronics Lt...
MP05959 GOLLEDGE-MP05959 Datasheet
71Kb / 6P
SAW Filter 810.0MHz
MA08625 GOLLEDGE-MA08625 Datasheet
563Kb / 5P
SAW Filter 810.0MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com