Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA07465 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA07465
Description  SAW Filter 1575.42MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07465 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA07465 Datasheet HTML 1Page - Golledge Electronics Ltd MA07465 Datasheet HTML 2Page - Golledge Electronics Ltd MA07465 Datasheet HTML 3Page - Golledge Electronics Ltd MA07465 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Ashwell Park, Ilminster
Somerset,TA19 9DX, UK
SAW Filter 1575.42MHz
Model: TA0449A
Part No: MA07465
REV. NO.: 1
TA0449A v1
1
A. MAXIMUM RATING:
1.Operating Temperature: -30
°C ~ +85°C
2.Storage Temperature: -40
°C ~ +85°C
B. CHARACTERISTICS :
Singled to Balanced operation
Terminating source impedance:
Zs = 50
Ω unbal.
Terminating load impedance:
ZL = 50
Ω bal.
Item
Min.
Typ.
Max.
Center frequency
Fc
(dB)
-
1575.42
-
Insertion loss
1574.22~1576.62 MHz
(dB)
-
1.9
2.8
Amplitude ripple 1574.22~1576.62 MHz
(dB)
-
0.2
1.0
Attenuation (Reference level from 0 dB)
1000 ~ 1450
MHz
(dB)
30
35
-
1450 ~ 1520
MHz
(dB)
20
25
-
1625 ~ 1640
MHz
(dB)
16
28
-
1640 ~ 1710
MHz
(dB)
25
32
-
1710 ~ 1805
MHz
(dB)
35
43
-
1805 ~ 1910
MHz
(dB)
35
43
-
1910 ~ 2000
MHz
(dB)
35
43
-
C. MEASUREMENT CIRCUIT:


Similar Part No. - MA07465

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA07466 GOLLEDGE-MA07466 Datasheet
232Kb / 5P
1575.420MHz SAW Filter
More results

Similar Description - MA07465

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0757A TAI-SAW-TA0757A Datasheet
421Kb / 7P
SAW Filter 1575.42MHz
TA0757B TAI-SAW-TA0757B Datasheet
418Kb / 7P
SAW Filter 1575.42MHz
TA0796A TAI-SAW-TA0796A Datasheet
431Kb / 7P
SAW Filter 1575.42MHz
TA1425A TAI-SAW-TA1425A Datasheet
165Kb / 8P
SAW Filter 1575.42MHz
TA0757BB TAI-SAW-TA0757BB Datasheet
453Kb / 7P
SAW Filter 1575.42MHz
TA0757D TAI-SAW-TA0757D Datasheet
158Kb / 8P
SAW Filter 1575.42MHz
TA2070A TAI-SAW-TA2070A Datasheet
758Kb / 8P
SAW Filter 1575.42MHz
logo
Golledge Electronics Lt...
MA08528 GOLLEDGE-MA08528 Datasheet
157Kb / 5P
SAW Filter 1575.42MHz
MP03084 GOLLEDGE-MP03084 Datasheet
121Kb / 6P
SAW Filter 1575.42MHz
MP05506 GOLLEDGE-MP05506 Datasheet
233Kb / 6P
SAW Filter: 1575.42MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com