Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA07466 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA07466
Description  1575.420MHz SAW Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07466 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA07466 Datasheet HTML 1Page - Golledge Electronics Ltd MA07466 Datasheet HTML 2Page - Golledge Electronics Ltd MA07466 Datasheet HTML 3Page - Golledge Electronics Ltd MA07466 Datasheet HTML 4Page - Golledge Electronics Ltd MA07466 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, Ilminster
Somerset, TA19 9DQ, UK
1575.420MHz SAW Filter
Model: TA0440A
Part No: MA07466
REV NO.: 3
TA0440A v3
1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC voltage: 5 V
3. Operating Temperature: -40
°C to +85°C
4. Storage Temperature: -50
°C to +100°C
B. ELECTRICAL CHARACTERISTICS:
Item
Min.
Typ.
Max.
Center frequency
Fc
(dB)
-
1575.42
-
Insertion loss (1574.42~1576.42 MHz) IL
(dB)
-
2.9
4.0
Amplitude ripple (1574.42~1576.42 MHz)
(dB)
-
0.1
1.5
Attenuation (Reference level from 0 dB)
1 ~ 890
MHz
(dB)
40
60
-
890 ~ 1475
MHz
(dB)
36
55
-
1475.42
MHz
(dB)
36
50
-
1535.42
MHz
(dB)
29
50
-
1615.42
MHz
(dB)
25
42
-
1675.42
MHz
(dB)
40
55
-
1700 ~ 3000
MHz
(dB)
25
38
-
Input/Output VSWR (1574.42~1576.42 MHz)
-
1.55
2.5
Source impedance
Zs (
Ω)
-
50
-
Load impedance
ZL
(
Ω)
-
50
-
Note1. The standard definitions is in JIS C 6703
C. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
B
E
A,C,D,F


Similar Part No. - MA07466

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA07465 GOLLEDGE-MA07465 Datasheet
163Kb / 4P
SAW Filter 1575.42MHz
More results

Similar Description - MA07466

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MP03289 GOLLEDGE-MP03289 Datasheet
222Kb / 6P
SAW Filter 1575.420MHz
MA09738 GOLLEDGE-MA09738 Datasheet
348Kb / 6P
SAW Filter 1575.420MHz
MP01198 GOLLEDGE-MP01198 Datasheet
138Kb / 6P
SAW Filter 1575.420MHz
MP01897 GOLLEDGE-MP01897 Datasheet
154Kb / 6P
SAW Filter 1575.420MHz
MP03890 GOLLEDGE-MP03890 Datasheet
173Kb / 6P
SAW Filter 1575.420MHz
MP05144 GOLLEDGE-MP05144 Datasheet
206Kb / 6P
SAW Filter 1575.420MHz
MP07604 GOLLEDGE-MP07604 Datasheet
222Kb / 6P
SAW Filter 1575.420MHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com