Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA07611 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA07611
Description  SAW Filter 415.40MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07611 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA07611 Datasheet HTML 1Page - Golledge Electronics Ltd MA07611 Datasheet HTML 2Page - Golledge Electronics Ltd MA07611 Datasheet HTML 3Page - Golledge Electronics Ltd MA07611 Datasheet HTML 4Page - Golledge Electronics Ltd MA07611 Datasheet HTML 5Page - Golledge Electronics Ltd MA07611 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, Ilminster
Somerset, TA19 9DQ, UK
SAW Filter 415.40MHz
Model: TA0526A
Part No: MA07611
REV. NO.: 1
TA0526A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC voltage: 3 V
3. Operating Temperature: +15
°C to +35°C
4. Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Balanced to Balanced operation
Terminating source impedance :
Zs = 200
Ω
Terminating load impedance :
ZL = 200
Ω
Item
Min.
Typical
Max.
Center frequency
Fc
MH
-
415.4
-
Insertion loss
412.9 ~ 417.9 MHz IL
dB
-
2.2
3.6
Amplitude ripple
412.9 ~ 417.9 MHz
dB
-
0.65
2.1
VSWR
412.9 ~ 417.9 MHz
dB
-
1.3
2.2
Attenuation (Reference level from 0 Db)
1 ~ 379.0
MHz
dB
40
58
-
379.0 ~ 394.0
MHz
dB
35
55
-
394.0 ~ 405.0
MHz
dB
10
40
-
437.0 ~ 476.0
MHz
dB
36
53
-
476.0 ~ 550.0
MHz
dB
40
55
-
Temperature coefficient of frequency ppm/k
-
-36
-


Similar Part No. - MA07611

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA07610 GOLLEDGE-MA07610 Datasheet
199Kb / 5P
SAW Filter 415.40MHz
MA07614 GOLLEDGE-MA07614 Datasheet
73Kb / 6P
1842.50MHz SAW Filter
More results

Similar Description - MA07611

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MA07610 GOLLEDGE-MA07610 Datasheet
199Kb / 5P
SAW Filter 415.40MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com