Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA07956 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA07956
Description  SAW Filter 815.50MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA07956 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA07956 Datasheet HTML 1Page - Golledge Electronics Ltd MA07956 Datasheet HTML 2Page - Golledge Electronics Ltd MA07956 Datasheet HTML 3Page - Golledge Electronics Ltd MA07956 Datasheet HTML 4Page - Golledge Electronics Ltd MA07956 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, Ilminster
Somerset, TA19 9DQ, UK
SAW Filter 815.50MHz
Model: TA0430A
Part No: MA07956
REV. NO.: 1
TA0430A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 7dBm
2. DC voltage: 3V
3. Operating Temperature: -30
°C to +70°C
4. Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Min.
Typ.
Max.
Center frequency
Fc
(MHz)
-
815.5
-
Insertion loss (806~825 MHz)
IL
(dB)
-
2.6
3.5
Group delay ripple (806~825 MHz)
(nS)
-
18
50
Attenuation (Reference level from 0 dB)
851 ~ 866
MHz
(dB)
40
46
-
935 ~ 940
MHz
(dB)
35
68
-
960.65 ~ 979.65
MHz
(dB)
35
65
-
1115.3 ~ 1134.3
MHz
(dB)
37
64
-
1269.95 ~ 1288.95 MHz
(dB)
40
62
-
1612 ~ 1650
MHz
(dB)
35
68
-
1650 ~ 2600
MHz
(dB)
25
38
-
Input/Output VSWR (806~825 MHz)
-
1.7
2.0
Source impedance
Zs (
Ω)
-
50
-
Load impedance
ZL (
Ω)
-
50
-
Note1. The standard definitions is in JIS C 6703
C. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
B
E
A,C,D,F


Similar Part No. - MA07956

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA07904 GOLLEDGE-MA07904 Datasheet
54Kb / 5P
SAW Filter 35.46MHz
MA07913 GOLLEDGE-MA07913 Datasheet
168Kb / 4P
SAW Filter 190.0MHz
MA07934 GOLLEDGE-MA07934 Datasheet
208Kb / 5P
240.0MHz SAW Filter
MA07972 GOLLEDGE-MA07972 Datasheet
266Kb / 5P
SAW Filter 713.0MHz
MA07973 GOLLEDGE-MA07973 Datasheet
194Kb / 5P
SAW Filter 743.0MHz
More results

Similar Description - MA07956

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
B39831B8304P810 TDK-B39831B8304P810 Datasheet
202Kb / 7P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com