Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MA08239 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MA08239
Description  500MHz SAW Filter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MA08239 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MA08239 Datasheet HTML 1Page - Golledge Electronics Ltd MA08239 Datasheet HTML 2Page - Golledge Electronics Ltd MA08239 Datasheet HTML 3Page - Golledge Electronics Ltd MA08239 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset,TA19 9DQ, UK
500MHz SAW Filter
Model: TA0506A
Part No: MA08239
REV NO.: 1
TA0506A v1
1
A.
MAXIMUM RATING:
1.
Input Power Level: 5dBm
2.
DC voltage: 5V
3.
Operating Temperature: -20
°C to 70°C
4.
Storage Temperature: -40
°C to +85°C
B.
CHARACTERISTICS:
Item
Min.
Typ.
Max.
Center frequency
Fc
MHz
-
500
-
Insertion loss
497 ~ 503MHz IL
dB
-
2.7
4.7
Amplitude ripple 497 ~ 503MHz
dB
-
0.4
2.0
Attenuation (Reference level from 0dB)
412 ~ 434MHz
dB
39
50
-
434 ~ 465 MHz
dB
33
43
-
553 ~ 567MHz
dB
33
50
-
567 ~ 588MHz
dB
40
55
-
C. MEASUREMENT CIRCUIT:
4.7pF
4.7pF
50
HP Network analyzer
50
SAW Filter
22nH
22nH
37
1,2,4,5,6,8


Similar Part No. - MA08239

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MA08247 GOLLEDGE-MA08247 Datasheet
200Kb / 5P
SAW Filter 452.70MHz
MA08251 GOLLEDGE-MA08251 Datasheet
67Kb / 3P
SAW Resonator 669.5570MHz
MA08252 GOLLEDGE-MA08252 Datasheet
96Kb / 4P
SAW Resonator 669.4169MHz
MA08276 GOLLEDGE-MA08276 Datasheet
77Kb / 6P
SAW Filter 947.50MHz
MA08278 GOLLEDGE-MA08278 Datasheet
375Kb / 4P
SAW Filter 1216.880MHz
More results

Similar Description - MA08239

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
SP50001 SIPAT-SP50001 Datasheet
155Kb / 4P
500MHz Low-loss SAW Filter 45MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TA0506A TAI-SAW-TA0506A Datasheet
368Kb / 5P
SAW Filter 500MHz SMD 3.0횞3.0mm
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MP02185 GOLLEDGE-MP02185 Datasheet
92Kb / 5P
SAW Filter 500MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TC0643A TAI-SAW-TC0643A Datasheet
350Kb / 6P
SAW Resonator 500MHz (SMD 3.0횞3.0mm)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com