Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2631101902 Datasheet(PDF) 1 Page - Fair-Rite Products Corp.

Part # 2631101902
Description  Round Cable EMI Suppression Cores
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIR-RITE [Fair-Rite Products Corp.]
Direct Link  http://www.fair-rite.com
Logo FAIR-RITE - Fair-Rite Products Corp.

2631101902 Datasheet(HTML) 1 Page - Fair-Rite Products Corp.

  2631101902 Datasheet HTML 1Page - Fair-Rite Products Corp. 2631101902 Datasheet HTML 2Page - Fair-Rite Products Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Round Cable EMI Suppression Cores
(2631101902)
Part Number: 2631101902
31 ROUND CABLE CORE
Explanation of Part Numbers:
– Digits 1 & 2 = Product Class
– Digits 3 & 4 = Material Grade
•– Last digit 2 = Burnished (All cable cores have been burnished to remove the sharp edges)
Fair- Rite offers a broad selection of ferrite EMI suppression cable cores in several materials with guaranteed minimum
impedance specifications.
•For smaller suppression parts, refer to the section “EMI Suppression Beads”.
Our “Expanded Cable and Suppressor Kit” (part number 0199000005) contains a selection of these suppression cores.
•For any cable suppression core not listed here, feel free to contact our customer service group for availability and
pricing.
The “C” dimension, the core length, can be modified to suit specific applications.
Weight: 68 (g)
Chart Legend
+ Test frequency
The column “H (Oe)” gives for each bead the calculated dc bias field in oersted for 1 turn and 1 ampere direct current. The
actual dc H field in the application is this value of “H” times the actual NI (ampere- turn) product. For the effect of the dc bias
on the impedance of the bead material, see figures 18-23 in the application note “How to choose Ferrite Components for EMI
Suppression”.
Typical Impedance (Ω)
1 MHz
32
5 MHz
82
10 MHz
+
106
25 MHz
+
163
100 MHz
+
270
250 MHz
300
Electrical Properties
H(Oe)
0.21
Suppression cable cores are controlled for impedances only. Minimum impedance values are specified for the + marked
frequencies. The minimum impedance is typically the listed impedance less 20%.
•Single turn impedance tests for 31, 43 and 46 material cores are performed on the 4193A Vector Impedance Meter. The 61
Dim
mm
mm tol
nominal inch
inch misc.
A
28.5
±0.60
1.122
_
B
13.8
±0.40
0.543
_
C
28.6
±0.80
1.125
_


Similar Part No. - 2631101902

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2631102002 FAIR-RITE-2631102002 Datasheet
318Kb / 3P
31 ROUND CABLE CORE
2631102002 FAIR-RITE-2631102002 Datasheet
616Kb / 2P
Round Cable EMI Suppression Cores
2631102002 FAIR-RITE-2631102002 Datasheet
623Kb / 3P
Round Cable Snap- Its
2631102002 FAIR-RITE-2631102002_18 Datasheet
616Kb / 2P
Round Cable EMI Suppression Cores
2631103002 FAIR-RITE-2631103002 Datasheet
617Kb / 2P
Round Cable EMI Suppression Cores
More results

Similar Description - 2631101902

ManufacturerPart #DatasheetDescription
logo
Fair-Rite Products Corp...
2631250202 FAIR-RITE-2631250202 Datasheet
617Kb / 2P
Round Cable EMI Suppression Cores
2631626302 FAIR-RITE-2631626302 Datasheet
613Kb / 2P
Round Cable EMI Suppression Cores
2643101902 FAIR-RITE-2643101902_18 Datasheet
612Kb / 2P
Round Cable EMI Suppression Cores
2643103002 FAIR-RITE-2643103002 Datasheet
616Kb / 2P
Round Cable EMI Suppression Cores
2643480102 FAIR-RITE-2643480102 Datasheet
607Kb / 2P
Round Cable EMI Suppression Cores
2643540402 FAIR-RITE-2643540402 Datasheet
610Kb / 2P
Round Cable EMI Suppression Cores
2643626002 FAIR-RITE-2643626002 Datasheet
612Kb / 2P
Round Cable EMI Suppression Cores
2643665902 FAIR-RITE-2643665902 Datasheet
609Kb / 2P
Round Cable EMI Suppression Cores
2643801102 FAIR-RITE-2643801102 Datasheet
609Kb / 2P
Round Cable EMI Suppression Cores
2643802702 FAIR-RITE-2643802702 Datasheet
608Kb / 2P
Round Cable EMI Suppression Cores
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com