Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCD128410QCE Datasheet(PDF) 49 Page - Intel Corporation

Part # SCD128410QCE
Description  IEEE 1284-Compatible Parallel Interface Controller with Two High-Speed Asynchronous Serial Ports
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

SCD128410QCE Datasheet(HTML) 49 Page - Intel Corporation

Back Button SCD128410QCE Datasheet HTML 45Page - Intel Corporation SCD128410QCE Datasheet HTML 46Page - Intel Corporation SCD128410QCE Datasheet HTML 47Page - Intel Corporation SCD128410QCE Datasheet HTML 48Page - Intel Corporation SCD128410QCE Datasheet HTML 49Page - Intel Corporation SCD128410QCE Datasheet HTML 50Page - Intel Corporation SCD128410QCE Datasheet HTML 51Page - Intel Corporation SCD128410QCE Datasheet HTML 52Page - Intel Corporation SCD128410QCE Datasheet HTML 53Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 176 page
background image
IEEE 1284-Compatible Parallel Interface Controller — CD1284
Datasheet
49
The I/O cycle that activates the SVCACKP* input also removes the active SVCREQP* output. The
request output is inactive until after the CPU terminates the acknowledge routine by writing to the
EOSRR. As with the serial channels, this is a dummy operation and the data written is ‘don’t care’.
The purpose of the write is to clear the internal logic of the current request context and allow it to
generate another request when the need arises. Until this write occurs, no further service requests
are made from the parallel channel. When the MPU detects the write to the EOSRR, it zeros-out
the PIVR in preparation for the next service-request cycle.
5.4.2
Software-Activated Context Switch, Parallel
Software-activated acknowledges of the parallel channel differ somewhat from those of the serial
channels. The start of a software acknowledge of the parallel channel is the same as for the serial
channels: the CPU copies the contents of the PIR into the CAR (after first saving the current
contents of the CAR) to set the device context. However, at this point the methods (serial versus
parallel) diverge. The CPU can read either the LIVR or PIVR (or read the status from the two status
registers in the Parallel Port register set) to determine which of the parallel channel blocks is
requesting service, copy the PIR into the CAR (or just load it with ‘x’00’) to set the context, then
proceed to service that request. Once the CPU has satisfied the request needs of the parallel
channel, it must toggle the IntEn bit (PFCR[4]) or clear the PIR. Toggling IntEn clears the PPort
and Pipeline bits and the PPIreq bit (PIR[7]). This action informs the MPU to clean up the PIVR
and remove the external request. The software should then restore the CAR to its previous contents
and exit the service routine.
The PPIreq bit can be cleared at any time by the CPU. If the system design requires the request be
removed quickly, the procedure can be performed at the beginning of the polled service routine. If
the CPU waits until the end of the service routine, it clears the bit itself or terminates the service in
the manner described, letting the MPU do it.
5.5
Serial Data Reception and Transmission
The CD1284 has two serial channels, each with a receiver and a transmitter. Although a receiver
and a transmitter pair are associated with each channel, in many respects they operate
independently, sharing only parameter settings regarding character format including length, parity
type if any, and number of stop bits. Each receiver and transmitter has its own baud rate generation
function, allowing a channel to send at one rate and receive at another. Shared and independent
parameters are shown in the following diagram.
RECEIVER
TRANSMITTER
BAUD RATE
BAUD RATE
PARITY
CHARACTER LENGTH
STOP BITS
FIFO THRESH
PRESCALE PERIOD REGISTER
RCV TIMEOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com