Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP04055 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP04055
Description  SAW Filter 460.0MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP04055 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP04055 Datasheet HTML 1Page - Golledge Electronics Ltd MP04055 Datasheet HTML 2Page - Golledge Electronics Ltd MP04055 Datasheet HTML 3Page - Golledge Electronics Ltd MP04055 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 460.0MHz
Model: TA0474A
Part No: MP04055
Rev No: 1
TA0474A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 0dBm
2. DC voltage: 5V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
TA = -40°C to +85°C
Item
Min.
Typ.
Max.
Note
Center frequency Fc (MHz)
-
460
-
1
Minimum IL (dB) IL min
-
2.8
4
Pass band (relative to IL min)
459.75 ~ 460.25MHz (dB)
-
0.7
3
1
Pass bandwidth (relative to IL min) BW3 (kHz)
500
950
-
Attenuation: (relative to IL min) (dB)
10 ~ 437.2MHz (dB)
40
46
-
437.2 ~ 448MHz (dB)
40
44
-
448 ~ 458.8MHz (dB)
15
22
-
461.4 ~ 471MHz (dB)
10
16
-
471 ~ 483MHz (dB)
38
42
-
1
483 ~ 1000MHz (dB)
40
44
-
Note 1: The standard definitions is in JIS C 6703


Similar Part No. - MP04055

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP04052 GOLLEDGE-MP04052 Datasheet
62Kb / 6P
SAW Filter 1561.0MHz
MP04056 GOLLEDGE-MP04056 Datasheet
72Kb / 5P
SAW Filter 460.0MHz
More results

Similar Description - MP04055

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
logo
Golledge Electronics Lt...
MA07241 GOLLEDGE-MA07241 Datasheet
116Kb / 4P
SAW Filter 460.0MHz
MP04056 GOLLEDGE-MP04056 Datasheet
72Kb / 5P
SAW Filter 460.0MHz
MP05064 GOLLEDGE-MP05064 Datasheet
154Kb / 6P
SAW Filter 460.0MHz
MP05502 GOLLEDGE-MP05502 Datasheet
113Kb / 6P
SAW Filter 460.0MHz
MP07672 GOLLEDGE-MP07672 Datasheet
137Kb / 9P
SAW Filter 460.0MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com