Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25TTS16S Datasheet(PDF) 2 Page - International Rectifier

Part # 25TTS16S
Description  SURFACE MOUNTABLE PHASE CONTROL SCR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

25TTS16S Datasheet(HTML) 2 Page - International Rectifier

  25TTS16S Datasheet HTML 1Page - International Rectifier 25TTS16S Datasheet HTML 2Page - International Rectifier 25TTS16S Datasheet HTML 3Page - International Rectifier 25TTS16S Datasheet HTML 4Page - International Rectifier 25TTS16S Datasheet HTML 5Page - International Rectifier 25TTS16S Datasheet HTML 6Page - International Rectifier 25TTS16S Datasheet HTML 7Page - International Rectifier 25TTS16S Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
25TTS..S SAFE
IR Series
Bulletin I2117 rev. D 12/98
www.irf.com
Part Number
V
RRM, maximum
V
DRM , maximum
I
RRM/IDRM
peak reverse voltage
peak direct voltage
125°C
VV
mA
25TTS08S
800
800
10
25TTS12S
1200
1200
25TTS16S
1600
1600
Voltage Ratings
I
T(AV)
Max.AverageOn-stateCurrent
16
A
@T
C = 93° C, 180° conduction half sine wave
I
RMS
Max.RMSOn-stateCurrent
25
I
TSM
Max.Peak One Cycle Non-Repetitive
300
10ms Sine pulse, rated VRRMapplied
SurgeCurrent
350
10msSine pulse,novoltagereapplied
I2t
Max. I2tforfusing
450
A2s
10ms Sine pulse, rated V
RRMapplied
630
10msSinepulse,novoltagereapplied
I2√t
Max. I2√tforfusing
6300
A2√s
t=0.1 to10ms,novoltagereapplied
V
TM
Max.On-stateVoltageDrop
1.25
V
@ 16A, T
J = 25°C
rt
On-state slope resistance
12.0
mΩ
T
J = 125°C
VT(TO) Threshold Voltage
1.0
V
I
RM/IDM Max.Reverse and Direct
0.5
mA
T
J = 25 °C
LeakageCurrent
10
TJ = 125 °C
I
H
Holding Current
Typ. Max.
Anode Supply = 6V, Resistive load, Initial I
T=1A
--
100
mA
25TTS08S, 25TTS12S
100
150
25TTS16S
I
L
Max.LatchingCurrent
200
mA
Anode Supply = 6V, Resistive load
dv/dt Max. Rate of Rise of off-state Voltage
500
V/µs
di/dt Max. Rate of Rise of turned-on Current
150
A/µs
Absolute Maximum Ratings
Parameters
25TTS..S Units
Conditions
V
R = rated VRRM/ VDRM



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com