Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

25TTS12STRR Datasheet(PDF) 3 Page - International Rectifier

Part # 25TTS12STRR
Description  SURFACE MOUNTABLE PHASE CONTROL SCR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

25TTS12STRR Datasheet(HTML) 3 Page - International Rectifier

  25TTS12STRR Datasheet HTML 1Page - International Rectifier 25TTS12STRR Datasheet HTML 2Page - International Rectifier 25TTS12STRR Datasheet HTML 3Page - International Rectifier 25TTS12STRR Datasheet HTML 4Page - International Rectifier 25TTS12STRR Datasheet HTML 5Page - International Rectifier 25TTS12STRR Datasheet HTML 6Page - International Rectifier 25TTS12STRR Datasheet HTML 7Page - International Rectifier 25TTS12STRR Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
25TTS..S SAFE
IR Series
Bulletin I2117 rev. D 12/98
www.irf.com
Triggering
P
GM
Max. peak Gate Power
8.0
W
PG(AV) Max. average Gate Power
2.0
+ IGM Max. paek positive Gate Current
1.5
A
- VGM Max. paek negative Gate Voltage
10
V
IGT
Max. required DC Gate Current
60
mA
Anode supply = 6V, resistive load, TJ = - 10°C
to trigger
45
Anode supply = 6V, resistive load, TJ = 25°C
20
Anode supply = 6V, resistive load, TJ = 125°C
VGT Max. required DC Gate Voltage
2.5
V
Anode supply = 6V, resistive load, TJ = - 10°C
to trigger
2.0
Anode supply = 6V, resistive load, TJ = 25°C
1.0
Anode supply = 6V, resistive load, TJ = 125°C
VGD Max. DC Gate Voltage not to trigger
0.25
TJ = 125°C, VDRM = rated value
IGD
Max. DC Gate Current not to trigger
2.0
mA
TJ = 125°C, VDRM = rated value
Parameters
25TTS..S Units
Conditions
Switching
Parameters
25TTS..S
Units
Conditions
tgt
Typical turn-on time
0.9
µs
TJ = 25°C
trr
Typical reverse recovery time
4
TJ = 125°C
tq
Typical turn-off time
110
T
J
Max. Junction Temperature Range
- 40 to 125
°C
T
stg
Max. Storage Temperature Range
- 40 to 125
°C
SolderingTemperature
240
°C
for 10 seconds (1.6mm from case)
R
thJC Max. Thermal Resistance Junction
1.1
°C/W
DCoperation
to Case
R
thJA Typ. Thermal Resistance Junction
40
°C/W
to Ambient (PCB Mount)**
wt
ApproximateWeight
2 (0.07)
g(oz.)
T
Case Style
D2 Pak (SMD-220)
Thermal-Mechanical Specifications
Parameters
25TTS..S Units
Conditions
**When mounted on 1" square (650mm2) PCB of FR-4 or G-10 material 4 oz (140µm) copper 40°C/W
For recommended footprint and soldering techniques refer to application note #AN-994



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com