Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCSW131CT Datasheet(PDF) 3 Page - NICHIA CORPORATION

Part # NCSW131CT
Description  WHITE LED
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHIA [NICHIA CORPORATION]
Direct Link  http://www.nichia.co.jp
Logo NICHIA - NICHIA CORPORATION

NCSW131CT Datasheet(HTML) 3 Page - NICHIA CORPORATION

  NCSW131CT Datasheet HTML 1Page - NICHIA CORPORATION NCSW131CT Datasheet HTML 2Page - NICHIA CORPORATION NCSW131CT Datasheet HTML 3Page - NICHIA CORPORATION NCSW131CT Datasheet HTML 4Page - NICHIA CORPORATION NCSW131CT Datasheet HTML 5Page - NICHIA CORPORATION NCSW131CT Datasheet HTML 6Page - NICHIA CORPORATION NCSW131CT Datasheet HTML 7Page - NICHIA CORPORATION NCSW131CT Datasheet HTML 8Page - NICHIA CORPORATION NCSW131CT Datasheet HTML 9Page - NICHIA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
NICHIA STS-DA1-4643D <Cat.No.180912>
2
RANKS
Item
Rank
Min
Max
Unit
Forward Voltage
-
2.75
3.55
V
Luminous Flux
R400
400
425
lm
R375
375
400
R350
350
375
R325
325
350
R300
300
325
Color Ranks
Rank asw60
Rank sw57
x
0.3163
0.3138
0.3296
0.3300
x
0.3221
0.3207
0.3376
0.3366
y
0.3181
0.3381
0.3526
0.3308
y
0.3261
0.3462
0.3616
0.3369
Rank sw65ba
x
0.3100
0.3065
0.3218
0.3232
y
0.2928
0.3145
0.3304
0.3095
* Ranking at TS=25°C.
* Forward Voltage Tolerance: ±0.05V
* Luminous Flux Tolerance: ±5%
* Chromaticity Coordinate Tolerance: ±0.003
* LEDs from the above ranks will be shipped. The rank combination ratio per shipment will be decided by Nichia.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com