Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP02488 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP02488
Description  SAW Filter 940.50MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP02488 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP02488 Datasheet HTML 1Page - Golledge Electronics Ltd MP02488 Datasheet HTML 2Page - Golledge Electronics Ltd MP02488 Datasheet HTML 3Page - Golledge Electronics Ltd MP02488 Datasheet HTML 4Page - Golledge Electronics Ltd MP02488 Datasheet HTML 5Page - Golledge Electronics Ltd MP02488 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 940.50MHz
Model: TA0546A
Part No: MP02488
REV NO.: 1
TA0546A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 13 dBm
2. DC Voltage : 3V
3. Operating Temperature: -20°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Specification
Characteristics
Min.
Typ.
Max.
Note
Center frequency
Fc
MHz
-
940.5
-
-
Insertion loss 921~960 MHz I.L.
dB
-
3
4.5
-
Ripple
921~960 MHz
dB
-
1.5
2.9
-
VSWR
921~960 MHz
-
1.8
3.0
Attenuation: ( Reference level from 0 dB )
0 ~ 800 MHz
dB
40
65
-
-
800 ~ 878 MHz
dB
35
56
-
-
878 ~ 897 MHz
dB
25
58
-
-
982 ~ 1005 MHz
dB
22
30
-
-
1005 ~ 1035 MHz
dB
29
41
-
-
1035 ~ 1500 MHz
dB
38
52
-
-
1500~ 2300 MHz
dB
30
51
-
-
2300 ~ 3000 MHz
dB
20
35
-
-
Source Impedance
ZS Ω
50
1
Load Impedance
ZL
Ω
50
1
Note1. No matching network required for operation at 50
Ω
C. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
B
E
A,C,D,F


Similar Part No. - MP02488

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP02481 GOLLEDGE-MP02481 Datasheet
156Kb / 5P
SAW Filter 1320.0MHz
More results

Similar Description - MP02488

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MA07336 GOLLEDGE-MA07336 Datasheet
329Kb / 6P
SAW Filter 940.50MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com