Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP03050 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP03050
Description  SAW Filter 810MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03050 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP03050 Datasheet HTML 1Page - Golledge Electronics Ltd MP03050 Datasheet HTML 2Page - Golledge Electronics Ltd MP03050 Datasheet HTML 3Page - Golledge Electronics Ltd MP03050 Datasheet HTML 4Page - Golledge Electronics Ltd MP03050 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 810MHz
Model: TA0478A
Part No: MP03050
Rev No: 1
TA0478A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. DC voltage: 5V
3. Operating Temperature: -40°C to 85°C
4. Storage Temperature: -40°C to +85°C
B. CHARACTERISTICS:
Item
Min.
Typ.
Max.
Center frequency Fc MHz
-
810
-
Insertion loss 805 ~ 815MHz IL dB
-
2.1
4.3
Amplitude ripple 805 ~ 815MHz dB
-
0.5
2.0
Group delay variation 805 ~ 815MHz ns
-
14
130
3dB Bandwidth BW-3dB MHz
-
27
-
10dB Bandwidth BW-10dB MHz
-
31.8
-
20dB Bandwidth BW-20dB MHz
-
37.7
-
30dB Bandwidth BW-30dB MHz
-
49.6
-
Attenuation (Reference level from 0dB)
680 ~ 770 MHz dB
35
53
-
860 MHz dB
40
49
-
Temperature coefficient of frequency ppm/K
-
-36
-
Source impedance ZS
-
50
-
Load impedance ZL
-
50
-
Note: No matching network required for operation at 50


Similar Part No. - MP03050

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP03055 GOLLEDGE-MP03055 Datasheet
233Kb / 5P
SAW Filter 830.05MHz
More results

Similar Description - MP03050

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0424A TAI-SAW-TA0424A Datasheet
718Kb / 6P
SAW Filter 810MHz SMD 3.0횞3.0mm
TA0478A TAI-SAW-TA0478A Datasheet
647Kb / 6P
SAW Filter 810MHz SMD 3.0횞3.0mm
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TB1118A TAI-SAW-TB1118A Datasheet
117Kb / 7P
SAW Filter 810MHz 0.3MHz BW (SMD 3.8횞3.8 mm)
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com