Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP03055 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP03055
Description  SAW Filter 830.05MHz
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03055 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP03055 Datasheet HTML 1Page - Golledge Electronics Ltd MP03055 Datasheet HTML 2Page - Golledge Electronics Ltd MP03055 Datasheet HTML 3Page - Golledge Electronics Ltd MP03055 Datasheet HTML 4Page - Golledge Electronics Ltd MP03055 Datasheet HTML 5Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 830.05MHz
Model: TA0511A
Part No: MP03055
Rev No: 1
TA0511A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 13dBm
2. DC voltage: 5V
3. Operating Temperature: -20°C to +70°C
4. Storage Temperature: -30°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Center frequency Fc
MHz
-
830.05
-
1.5 -dB Bandwidth
MHz
-
Fo±4.5
-
Operational Bandwidth
MHz
825.5
-
834.6
Insertion Loss at Fc
dB
-
2.7
4.5
Amplitude Variation (825.5 ~ 834.6MHz)
dB
-
0.5
1.5
Attenuation (Reference level from 0dB)
0 ~ 808MHz
dB
35
58
-
808 ~ 816MHz
dB
10
32
-
842 ~ 850MHz
dB
10
24
-
850 ~ 858MHz
dB
30
40
-
858 ~ 2000MHz
dB
34
38
-
Input/Output VSWR (825.5 ~ 834.6MHz)
-
1.7
2.5
Source impedance ZS
-
50
-
Load impedance ZL
-
50
-
C. MEASUREMENT CIRCUIT:
50Ω
HP Network analyzer
50Ω
SAW Filter
2
6
1, 3, 4 , 5,7 ,8


Similar Part No. - MP03055

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP03050 GOLLEDGE-MP03050 Datasheet
128Kb / 5P
SAW Filter 810MHz
More results

Similar Description - MP03055

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT83002 SIPAT-LBT83002 Datasheet
198Kb / 3P
830.05MHz SAW Filter 9MHz Bandwidth
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT83002 SIPAT-LBT83002 Datasheet
198Kb / 3P
830.05MHz SAW Filter 9MHz Bandwidth
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com