Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP03082 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP03082
Description  SAW Filter 1960MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03082 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP03082 Datasheet HTML 1Page - Golledge Electronics Ltd MP03082 Datasheet HTML 2Page - Golledge Electronics Ltd MP03082 Datasheet HTML 3Page - Golledge Electronics Ltd MP03082 Datasheet HTML 4Page - Golledge Electronics Ltd MP03082 Datasheet HTML 5Page - Golledge Electronics Ltd MP03082 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 1960MHz
Model: TA0614A
Part No: MP03082
Rev No: 1
TA0614A v1
1
A. MAXIMUM RATING:
1. Input Power Level: 10dBm
2. DC Voltage: 3V
3. Operating Temperature: -20°C to +75°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Unit
Min.
Typ.
Max.
Note
Center Frequency Fc
MHz
-
1960
-
-
Insertion Loss (1927.5 ~ 1992.5MHz) IL
dB
-
2.7
4
-
Amplitude Ripple (1927.5 ~ 1992.5MHz)
dB
-
1.3
2.5
-
I/O Return Loss (1927.5 ~ 1992.5MHz)
dB
7.4
10.5
-
-
Relative Attenuation (relative to 0dB)
DC ~ 1740MHz
dB
20
31
-
-
1740 ~ 1801MHz
dB
30
36
-
-
1801 ~ 1880MHz
dB
20
41
-
-
2040 ~ 2120MHz
dB
25
40
-
-
2120 ~ 2500MHz
dB
31
38
-
-
3700 ~ 4000MHz
dB
25
32
-
-
C. MEASUREMENT CIRCUIT:
50Ω
HP Netwo rk an aly z er
50Ω
SAW Filter
B
E
A ,
C,
D , F


Similar Part No. - MP03082

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP03081 GOLLEDGE-MP03081 Datasheet
253Kb / 6P
SAW Filter 960MHz
MP03083 GOLLEDGE-MP03083 Datasheet
76Kb / 6P
SAW Filter 881.5MHz
MP03084 GOLLEDGE-MP03084 Datasheet
121Kb / 6P
SAW Filter 1575.42MHz
More results

Similar Description - MP03082

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
AFS1960S4 ABRACON-AFS1960S4 Datasheet
154Kb / 1P
SMD 1960MHz SAW FILTER
logo
TAI-SAW TECHNOLOGY CO.,...
TA0175A TAI-SAW-TA0175A Datasheet
430Kb / 6P
SAW Filter 1960MHz SMD 3.0 mm SQ
TA0207A TAI-SAW-TA0207A Datasheet
537Kb / 6P
SAW Filter 1960MHz SMD 2.5X2.0 mm
TA1817B TAI-SAW-TA1817B Datasheet
449Kb / 8P
SAW Rx Filter 1960MHz LTE Band 2 SMD 1411 (58.8MHz BW)
TA1870A TAI-SAW-TA1870A Datasheet
609Kb / 10P
SAW Filter 1960MHz 60MHz BW Band 2 Rx SMD 1.1x0.9 mm
logo
Golledge Electronics Lt...
MA08686 GOLLEDGE-MA08686 Datasheet
247Kb / 6P
SAW Filter 1960MHz
MA05679 GOLLEDGE-MA05679 Datasheet
248Kb / 5P
SAW Filter 1960MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1950D TAI-SAW-TA1950D Datasheet
967Kb / 8P
SAW Rx Filter 1960MHz LTE Band 2 SMD 1109 (60MHz BW)
logo
Golledge Electronics Lt...
MA05927 GOLLEDGE-MA05927 Datasheet
339Kb / 5P
SAW Filter 1960MHz
logo
TAI-SAW TECHNOLOGY CO.,...
TA1870AM TAI-SAW-TA1870AM Datasheet
542Kb / 9P
SAW Filter 1960MHz 60MHz BW Band 2 Rx SMD 1.1횞0.9 mm
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com