Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP03084 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP03084
Description  SAW Filter 1575.42MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP03084 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP03084 Datasheet HTML 1Page - Golledge Electronics Ltd MP03084 Datasheet HTML 2Page - Golledge Electronics Ltd MP03084 Datasheet HTML 3Page - Golledge Electronics Ltd MP03084 Datasheet HTML 4Page - Golledge Electronics Ltd MP03084 Datasheet HTML 5Page - Golledge Electronics Ltd MP03084 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 1575.42MHz
Model: TA0688A
Part No: MP03084
Rev No: 4
TA0688A v4
1
A. MAXIMUM RATING:
1. Input Power Level: 10 dBm
2. DC Voltage: 3V
3. Operating Temperature: -40°C to +85°C
4. Storage Temperature: -55°C to +95°C
B. ELECTRICAL CHARACTERISTICS:
Terminating source impedance (single-ended): ZS = 50
Terminating load impedance (differential): ZL = 100
// 20Nh
Item
Unit
Min.
Typ.
Max.
Note
Center Frequency Fc
MHz
-
1575.42
-
-
Max. Insertion Loss (1574.42 ~ 1576.42MHz) IL
dB
-
1.35
2.0
-
Amplitude ripple (1574.42 ~ 1576.42MHz)
dB
-
0.1
0.5
-
Output amplitude balance (|S31 / S21|) (1574.42 ~ 1576.42MHz)
dB
-2
1.3
2
-
Output phase balance (Φ(S31)-Φ(S21)+180°) (1574.42 ~ 1576.42MHz)
deg
-10
1
10
-
VSWR (1574.42 ~ 1576.42MHz)
-
1.3
1.8
-
Attenuation
100 ~ 960MHz
dB
40
47
-
-
960 ~ 1425MHz
dB
35
43
-
-
1425 ~ 1475MHz
dB
30
52
-
-
1475 ~ 1515MHz
dB
20
34
-
-
1515 ~ 1525MHz
dB
17
33
-
-
1625 ~ 1635MHz
dB
12
22
-
-
1635 ~ 1675MHz
dB
20
24
-
-
1675 ~ 1750MHz
dB
30
34
-
-
1750 ~ 1805MHz
dB
35
41
-
-
1805 ~ 1980MHz
dB
40
45
-
-
1980 ~ 2400MHz
dB
35
42
-
-
2400 ~ 3155MHz
dB
40
49
-
-
3155 ~ 6000MHz
dB
35
41
-
-


Similar Part No. - MP03084

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP03081 GOLLEDGE-MP03081 Datasheet
253Kb / 6P
SAW Filter 960MHz
MP03082 GOLLEDGE-MP03082 Datasheet
207Kb / 6P
SAW Filter 1960MHz
MP03083 GOLLEDGE-MP03083 Datasheet
76Kb / 6P
SAW Filter 881.5MHz
More results

Similar Description - MP03084

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0757A TAI-SAW-TA0757A Datasheet
421Kb / 7P
SAW Filter 1575.42MHz
TA0757B TAI-SAW-TA0757B Datasheet
418Kb / 7P
SAW Filter 1575.42MHz
TA0796A TAI-SAW-TA0796A Datasheet
431Kb / 7P
SAW Filter 1575.42MHz
TA1425A TAI-SAW-TA1425A Datasheet
165Kb / 8P
SAW Filter 1575.42MHz
TA1599A TAI-SAW-TA1599A Datasheet
164Kb / 8P
SAW Filter 1575.42MHz
TA0757BB TAI-SAW-TA0757BB Datasheet
453Kb / 7P
SAW Filter 1575.42MHz
TA0757D TAI-SAW-TA0757D Datasheet
158Kb / 8P
SAW Filter 1575.42MHz
TA2070A TAI-SAW-TA2070A Datasheet
758Kb / 8P
SAW Filter 1575.42MHz
logo
Golledge Electronics Lt...
MA08528 GOLLEDGE-MA08528 Datasheet
157Kb / 5P
SAW Filter 1575.42MHz
MP05506 GOLLEDGE-MP05506 Datasheet
233Kb / 6P
SAW Filter: 1575.42MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com