Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9858 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9858
Description  1 GSPS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9858 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9858 Datasheet HTML 24Page - Analog Devices AD9858 Datasheet HTML 25Page - Analog Devices AD9858 Datasheet HTML 26Page - Analog Devices AD9858 Datasheet HTML 27Page - Analog Devices AD9858 Datasheet HTML 28Page - Analog Devices AD9858 Datasheet HTML 29Page - Analog Devices AD9858 Datasheet HTML 30Page - Analog Devices AD9858 Datasheet HTML 31Page - Analog Devices AD9858 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
AD9858
Rev. A | Page 31 of 32
OUTLINE DIMENSIONS
0.27
0.22
0.17
1
25
26
49
76
100
75
50
14.00 SQ
16.00 SQ
0.50 BSC
1.05
1.00
0.95
0.15
0.05
0.75
0.60
0.45
SEATING
PLANE
1.20
MAX
TOP VIEW
(PINS DOWN)
0.20
0.09
3.5°
9.50 SQ
COPLANARITY
0.08
1
25
26
49
76
100
75
50
BOTTOM
VIEW
COMPLIANT TO JEDEC STANDARDS MS-026-AED-HD
Figure 40. 100-Lead Thin Plastic Quad Flat Package, Exposed Pad [TQFP/EP]
(SV-100)
Dimensions shown in millimeters
WARNING
EPAD (thermal slug) must be attached to ground plane for some other large metal mass for thermal transfer. Failure to do so may cause
excessive die temperature rise and damage to the device.
ORDERING GUIDE
Models
Temperature Range
Package Description
Package Option
AD9858BSV
–40°C to +85°C
100-Lead EPAD
SV-100
AD9858PCB
25°C
Generic Evaluation Board
AD9858FDPCB
25°C
Fractional-Divide Evaluation Board
AD9858TLPCB
25°C
Translation Loop Evaluation Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com