Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9858TLPCB Datasheet(PDF) 24 Page - Analog Devices

Part # AD9858TLPCB
Description  1 GSPS Direct Digital Synthesizer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9858TLPCB Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9858TLPCB Datasheet HTML 20Page - Analog Devices AD9858TLPCB Datasheet HTML 21Page - Analog Devices AD9858TLPCB Datasheet HTML 22Page - Analog Devices AD9858TLPCB Datasheet HTML 23Page - Analog Devices AD9858TLPCB Datasheet HTML 24Page - Analog Devices AD9858TLPCB Datasheet HTML 25Page - Analog Devices AD9858TLPCB Datasheet HTML 26Page - Analog Devices AD9858TLPCB Datasheet HTML 27Page - Analog Devices AD9858TLPCB Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
AD9858
Rev. A | Page 24 of 32
Table 6. Register Map
Register
Address
(LSB)
Name
Ser
Par
(MSB)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default
Value
Profile
0x00
<7:0>
Not
Used
2 GHz
Divider
Disable
SYNCLK
Out
Disable
Mixer
Power
Down
Phase
Detect
PwrDwn
Power
Down
SDIO
Input
Only
LSB
First
0x18
N/A
0x01
<15:8>
Freq.
Sweep
Enable
Enable
Sine
Output
Charge
Pump
Offset
Bit
Phase Detector
Divider Ratio (N)
(see Table 10)
Charge
Pump
Polarity
Phase Detector
Divider Ratio
(M)
(see Table 11)
0x00
N/A
0x02
<23:16>
AutoClr
Freq.
Accum
AutoClr
Phase
Accum
Load
Delta-
Freq
Timer
Clear
Freq
Accum
Clear
Phase
Accum
Open
Fast-
Lock
Enable
Don’t
Use
FTW
for
Fast-
Lock
0x00
N/A
Control
Function
Register
(CFR)
0x00
0x03
<31:24>
Frequency Detect
Charge Pump
Current
(see Table 7)
Final Closed-Loop Charge
Pump Current
(see Table 8)
Wide Closed-Loop Charge
Pump Current
(see Table 9)
0x00
N/A
0x04
Delta Frequency Word <7:0>
–
N/A
0x05
Delta Frequency Word <15:8>
–
N/A
0x06
Delta Frequency Word <23:16>
–
N/A
Delta-Freq
Tuning Word
(DFTW)
0x01
0x07
Delta Frequency Word <31:24>
–
N/A
0x08
Delta Frequency Ramp Rate Word <7:0>
–
N/A
Delta-Freq Ramp
Rate (DFRRW)
0x02
0x09
Delta Frequency Ramp Rate Word <15:8>
–
N/A
0x0A
Frequency Tuning Word No. 0 <7:0>
0x00
0
0x0B
Frequency Tuning Word No. 0 <15:8>
0x00
0
0x0C
Frequency Tuning Word No. 0 <23:16>
0x00
0
Frequency
Tuning Word
No. 0 (FTW0)
0x03
0x0D
Frequency Tuning Word No. 0 <31:24>
0x00
0
0x0E
Phase Offset Word No. 0 <7:0>
0x00
0
Phase Offset
Word 0 (POW0)
0x04
0x0F
Not Used
Not Used
Phase Offset Word No. 0 <13:8>
0x00
0
0x10
Frequency Tuning Word No. 1 <7:0>
–
1
0x11
Frequency Tuning Word No. 1 <15:8>
–
1
0x12
Frequency Tuning Word No. 1 <23:16>
–
1
Frequency
Tuning
Word No.1(FTW1)
0x05
0x13
Frequency Tuning Word No. 1 <31:24>
–
1
0x14
Phase Offset Word No. 1 <7:0>
–
1
Phase Offset
Word 1 (POW1)
0x06
0x15
Not Used
Not Used
Phase Offset Word No. 1 <13:8>
–
1
0x16
Frequency Tuning Word No. 2 <7:0>
–
2
0x17
Frequency Tuning Word No. 2 <15:8>
–
2
0x18
Frequency Tuning Word No. 2 <23:16>
–
2
Frequency
Tuning Word
No. 2 (FTW2)
0x07
0x19
Frequency Tuning Word No. 2 <31:24>
–
2
0x1A
Phase Offset Word No. 2 <7:0>
–
2
Phase Offset
Word 2 (POW2)
0x08
0x1B
Not Used
Not Used
Phase Offset Word No. 2 <13:8>
–
2
0x1C
Frequency Tuning Word No. 3 <7:0>
–
3
0x1D
Frequency Tuning Word No. 3 <15:8>
–
3
0x1E
Frequency Tuning Word No. 3 <23:16>
–
3
Frequency
Tuning Word
No. 3 (FTW3)
0x09
0x1F
Frequency Tuning Word No. 3 <31:24>
–
3
0x20
Phase Offset Word No. 3 <7:0>
–
3
Phase Offset
Word 3 (POW3)
0x0A
0x21
Not Used
Not Used
Phase Offset Word No. 3 <13:8>
–
3
0x22
Reserved, Do Not Write, Leave at 0xFF
0xFF
N/A
Reserved
0x0B
0x23
Reserved, Do Not Write, Leave at 0xFF
0xFF
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com