Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3409 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3409
Description  600mA Low Vin Buck Regulator in 3mm x 3mm DFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3409 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3409 Datasheet HTML 8Page - Linear Technology LTC3409 Datasheet HTML 9Page - Linear Technology LTC3409 Datasheet HTML 10Page - Linear Technology LTC3409 Datasheet HTML 11Page - Linear Technology LTC3409 Datasheet HTML 12Page - Linear Technology LTC3409 Datasheet HTML 13Page - Linear Technology LTC3409 Datasheet HTML 14Page - Linear Technology LTC3409 Datasheet HTML 15Page - Linear Technology LTC3409 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LTC3409
3409f
Note that at higher supply voltages, the junction tempera-
ture is lower due to reduced switch resistance (RDS(ON)).
Checking Transient Response
The regulator loop response can be checked by looking at
the load transient response. Switching regulators take
several cycles to respond to a step in load current. When
a load step occurs, VOUT immediately shifts by an amount
equal to (∆ILOAD • ESR), where ESR is the effective series
resistance of COUT. ∆ILOAD also begins to charge or
discharge COUT, which generates a feedback error signal.
The regulator loop then acts to return VOUT to its steady
state value. During this recovery time VOUT can be moni-
tored for overshoot or ringing that would indicate a stabil-
ity problem. For a detailed explanation of switching control
loop theory, see Application Note 76.
A second, more severe transient is caused by switching in
loads with large (>1µF) supply bypass capacitors. The
discharged bypass capacitors are effectively put in parallel
with COUT, causing a rapid drop in VOUT. No regulator can
deliver enough current to prevent this problem if the load
switch resistance is low and it is driven quickly. The only
solution is to limit the rise time of the switch drive so that
the load rise time is limited to approximately (25 • CLOAD).
Thus, a 10µF capacitor charging to 3.3V would require a
250µs rise time, limiting the charging current to about
130mA.
Board Layout Considerations
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of the
LTC3409. These items are also illustrated graphically in
the layout diagram of Figure 3. Check the following in your
layout.
1. Does the capacitor CIN connect to the power VIN
(Pins 3, 4) and GND (Exposed Pad) as close as pos-
sible? This capacitor provides the AC current to the
internal power MOSFETs and their drivers.
2. Are the COUT and L1 closely connected? The (–) plate of
COUT returns current to GND and the (–) plate of CIN.
3. The resistor divider, R1 and R2, must be connected
between the (+) plate of COUT and a ground sense line
terminated near GND (Exposed Pad). The feedback
signals VFB should be routed away from noisy compo-
nents and traces, such as the SW line (Pins 6), and its
trace should be minimized.
4. Keep sensitive components away from the SW pins.
The input capacitor CIN and the resistors R1 and R2
should be routed away from the SW traces and the
inductors.
5. A ground plane is preferred, but if not available, keep the
signal and power grounds segregated with small signal
components returning to the GND pin at one point. They
should not share the high current path of CIN or COUT.
6. Flood all unused areas on all layers with copper. Flood-
ing with copper will reduce the temperature rise of
power components. These copper areas should be
connected to VIN or GND.
APPLICATIO S I FOR ATIO
VIN
VIN
LTC3409
RUN
VFB
SYNC
MODE
SW
L1
C1
CIN
R1
R2
VIN
SGND GND
COUT
3409 F03
VOUT
Figure 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com