Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LX1732 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # LX1732
Description  High Current PFM Boost Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LX1732 Datasheet(HTML) 2 Page - Microsemi Corporation

  LX1732 Datasheet HTML 1Page - Microsemi Corporation LX1732 Datasheet HTML 2Page - Microsemi Corporation LX1732 Datasheet HTML 3Page - Microsemi Corporation LX1732 Datasheet HTML 4Page - Microsemi Corporation LX1732 Datasheet HTML 5Page - Microsemi Corporation LX1732 Datasheet HTML 6Page - Microsemi Corporation LX1732 Datasheet HTML 7Page - Microsemi Corporation LX1732 Datasheet HTML 8Page - Microsemi Corporation LX1732 Datasheet HTML 9Page - Microsemi Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Microsemi
Integrated Products
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 2
Copyright
© 2000
Rev. 1.1c, 2005-03-03
LX1732
High Current PFM Boost Converter
PRODUCTION DATA SHEET
I N T E GRA T ED
PR ODUC T S
ABSOLUTE MAXI MUM RATI NGS
Supply Voltage (VIN) ........................................................................-0.3V to 7.0V
Output Voltage (VC) .........................................................................-0.3V to 7.0V
Switch Voltage (VSW) .......................................................................-0.3V to 7.0V
Shutdown Input Voltage (V
SHDN ) ......................................... -0.3V to (VC + 0.3V)
Low Battery Detect Output (VLBO) ...................................... -0.3V to (VC + 0.3V)
Low Battery Detect Input Voltage (VLBI) .............................. -0.3V to (VC+ 0.3V)
Feedback Input Voltage (VFB) ............................................... -0.3V to (VC+ 0.3V)
Switch Current (ILX).................................................................................. 1.0ARMS
Operating Temperature Range ............................................................ 0°C to 70°C
Operating Junction Temperature.................................................................. 150°C
Storage Temperature Range...........................................................-65°C to 150°C
Peak Package Temp for Solder Reflow (40 second max. exposure) ............. 260°C (+0, -5)
Note: Exceeding these ratings could cause damage to the device. All voltages are with respect to
Ground. Currents are positive into, negative out of specified terminal
.
TH ERM A L DATA
DU Plastic MSOP 8-Pin
THERMAL RESISTANCE
-JUNCTION TO AMBIENT,
θJA
206
°C/W
THERMAL RESISTANCE
-JUNCTION TO CASE,
θJC
39
°C/W
Junction Temperature Calculation: TJ = TA + (PD x θJC).
The θJA numbers are guidelines for the thermal performance of the device/pc-board
system. All of the above assume no ambient airflow.
PACKAGE PIN OUT
1
2
4
3
5
6
8
7
SW
LBI
VIN
VC
GND
FB
LBO
SHDN
DU PACKAGE
(Top View)
RoHS / Pb-free 100% Matte Tin Lead Finish
FUNCTIONAL PIN DESCRIPTION
NAME
DESCRIPTION
IN
Unregulated IC Supply Voltage Input – Input range from +1.1V to 5.5V. Bypass with a 4.7
µF or greater capacitor.
FB
Control pin for output voltage programming. Connect this pin to a resistive divider network between the output
and GND to obtain an output voltage between 2.0V and 5.5V.
SHDN
Active-Low Shutdown Input – A logic low shuts down the device and reduces the supply current to 0.1
µA.
Connect SHDN to VCC for normal operation.
SW
Inductor Switching Connection – Internally connected to the drain of an N-channel MOSFET.
VC
Output voltage control pin: Connect this pin to the circuit load and cathode of the switching diode.
GND
Common terminal for ground reference.
LBI
Low Battery Detect Comparator Input – Connect to a resistive divider network between the VCC and GND to set
the Low Battery Detect trip point. The LBI threshold is 0.6V.
LBO
Low Battery Detect Comparator Output – Open drain comparator output. This output is pulled low when VLBI is
less than 0.6V. LBO is high impedance during shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com