Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP02458 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP02458
Description  SAW Filter 2017MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP02458 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP02458 Datasheet HTML 1Page - Golledge Electronics Ltd MP02458 Datasheet HTML 2Page - Golledge Electronics Ltd MP02458 Datasheet HTML 3Page - Golledge Electronics Ltd MP02458 Datasheet HTML 4Page - Golledge Electronics Ltd MP02458 Datasheet HTML 5Page - Golledge Electronics Ltd MP02458 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 2017MHz
Model: TA0724A
Part No: MP02458
Rev No: 2
TA0724A v2
1
A. MAXIMUM RATING:
E
lectrostatic Sensitive Device
1. Input Power Level: 10dBm
2. DC voltage: 3V
3. Operating Temperature: -30°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Min.
Typ.
Max.
Center frequency Fc (dB)
-
2017
-
Insertion loss within 2007 ~ 2026MHz IL (dB)
-
1.9
4
Amplitude ripple (p-p) within 2007 ~ 2026MHz (dB)
-
0.4
2.0
Attenuation (Reference level from 0dB)
D.C. ~ 470MHz (dB)
20
35
-
470 ~ 1800MHz (dB)
18
30
-
1800 ~ 1940MHz (dB)
22
34
-
2110 ~ 2200MHz (dB)
24
36
-
2200 ~ 4000MHz (dB)
22
35
-
Source impedance ZS (Ω)
-
50
-
Load impedance ZL (Ω)
-
50
-
C. MEASUREMENT CIRCUIT:

HP Network analyzer

SAW Filter
B
E
A,C,D,F


Similar Part No. - MP02458

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP02452 GOLLEDGE-MP02452 Datasheet
206Kb / 6P
SAW Filter 1842.50MHz
MP02459 GOLLEDGE-MP02459 Datasheet
69Kb / 4P
SAW Filter 2017.50MHz
More results

Similar Description - MP02458

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0724A TAI-SAW-TA0724A Datasheet
326Kb / 8P
SAW Filter 2017MHz SMD 3.0X3.0 mm
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
B39252B9494P810 TDK-B39252B9494P810 Datasheet
115Kb / 8P
SAW Components SAW filter
B39262B9497P810 TDK-B39262B9497P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39841B4180U410 TDK-B39841B4180U410 Datasheet
201Kb / 9P
SAW Components SAW filter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com