Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RT9501B Datasheet(PDF) 3 Page - Richtek Technology Corporation

Part # RT9501B
Description  Advanced Lithium-lon Linear Battery Charger
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9501B Datasheet(HTML) 3 Page - Richtek Technology Corporation

  RT9501B Datasheet HTML 1Page - Richtek Technology Corporation RT9501B Datasheet HTML 2Page - Richtek Technology Corporation RT9501B Datasheet HTML 3Page - Richtek Technology Corporation RT9501B Datasheet HTML 4Page - Richtek Technology Corporation RT9501B Datasheet HTML 5Page - Richtek Technology Corporation RT9501B Datasheet HTML 6Page - Richtek Technology Corporation RT9501B Datasheet HTML 7Page - Richtek Technology Corporation RT9501B Datasheet HTML 8Page - Richtek Technology Corporation RT9501B Datasheet HTML 9Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
RT9501A/B
Preliminary
3
DS9501A/B-03P
October 2004
Function Block Diagram
Functional Pin Description
Pin Name
Pin Function
VDD
Supply Voltage Input.
TS
Temperature Sense Input. Input from battery temperature monitoring circuit.
STAT
Charge Status Output. 3-state status indication of charge, charge complete and temperature fault or
disable or sleep mode.
GND
Ground.
CC
Charge Control Output. Current output to drive on external PNP transistor or P-Channel MOSFET
for current and voltage regulation.
FB/CE
External Feedback Input or Charge Enable Function. Input from controller or finely adjust the battery
regulated voltage with external voltage divider.
CS
Current Sense Input. Charge current is sensed according to the voltage drop from supply voltage to
this pin.
BATT
Battery Voltage input. Input directly from battery voltage.
Control
Logic
Internal FB
Feedback
Determination
& Enable Control
VDD
VDD
V
REF1
V
REF2
V
REF3
V
REF4
FB2
FB2
FB2
CC
CS
STAT
FB2
BATT
VDD
FB/CE
FB2
+
-
+
-
+
-
+
-
+
-
+
-
+
-
Sleep Mode Detection
CC
Control
CV
Control
Precharge
Recharge
TS1 Trip
TS2 Trip
GND
TS
勝特力科技
886-3-5753170
百年電子
86-755-83289224
Http://www.100y.com.tw



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com