| Electronic Components Datasheet Search |
|
RT9501ACF Datasheet(PDF) 8 Page - Richtek Technology Corporation |
|
|
|||||||||||||||||||||||||||||
RT9501ACF Datasheet(HTML) 8 Page - Richtek Technology Corporation |
|
8 / 9 page ![]() RT9501A/B Preliminary 8 DS9501A/B-03P October 2004 Condition STAT Pin In battery charging cycle High Charge cycle completed Low Temperature fault or charge function disable or sleep mode High Impedance Selecting an External PNP Pass-Transistor or P-Channel MOSFET: The RT9501 drives an external PNP transistor or P-Channel MOSFET to control the charging current. The specifications must be concerned are the voltage and current rating and package power dissipation. The external switch is performed as a linear regulator. The maximum power loss occurs when the constant current regulation starts at the beginning, and it can be calculated approximately from following equation: I(SNS) is the constant regulation current. The minimum voltage drop between the sense-resistor is 100mV, and the minimum precharge threshold voltage is 2.8V. The external pass device with PCB heatsinking must be rated for the maximum power dissipation. D(MAX) (SNS) DD P = I (V - 0.1V - 2.8V) × Charge status indication The RT9501 indicates the status of the charger on the 3-state STAT pin. The following table shows the statuses of this pin. Selecting Input/Output Capacitor In analog circuit applications, to place a high-frequency decoupling capacitor nearby the controller IC between input power source and ground is very important. A 0.1uF ceramic is recommended. If a high ripple and noise input power is chosen, it should have enough capacitance to reduce the disturbance. A 0.1uF to 1uF output capacitor is recommended to control the output voltage and keep the output voltage ripple small when the battery is disconnected. × FB1 O(REG) FB2 R V= 2.1 (1+ ) V R Figure 8. For FB pin Function FB BATT TS STAT CC CS VDD GND Q1 V IN Battery R CS R FB1 R FB2 R4 勝特力科技 886-3-5753170 百年電子 86-755-83289224 Http://www.100y.com.tw |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |