Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

5145B Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 5145B
Description  Bus Terminal Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

5145B Datasheet(HTML) 3 Page - PHOENIX CONTACT

  5145B Datasheet HTML 1Page - PHOENIX CONTACT 5145B Datasheet HTML 2Page - PHOENIX CONTACT 5145B Datasheet HTML 3Page - PHOENIX CONTACT 5145B Datasheet HTML 4Page - PHOENIX CONTACT 5145B Datasheet HTML 5Page - PHOENIX CONTACT 5145B Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IBS ST (ZF) 24 BKM-T
5145B
3
Pin Assignment of the Remote Bus Connector
* Ensure that a jumper is installed
between contacts K and L of the
outgoing remote bus connector, if
the remote out is used.
Ensure that on the bus terminal
module, the ST cable for the local bus
is connected before the module is
snapped onto the mounting rail, as
the terminal block base and the
module electronics are not pluggable.
Programming Data
REMOTE IN
Pin
12345678
Terminal
designation
AB
C
D
E
Signal
Shield
DO
DO
DI
DI
COM
Not
used
Shield
Wire color
Green
Yellow
Pink
Gray
Brown
REMOTE OUT
Pin
12345
6*
7*
8
Terminal
designation
FG
H
J
K*
L*
Signal
Shield
DO
DO
DI
DI
COM
RBST
Shield
Wire color
Green
Yellow
Pink
Gray
Brown
ID code
8hex (8dec)
Programmable functions
Length code
0hex
Disconnection of the ST
compact station
Yes
Input address area
0 bytes
Reset of the ST compact
station
Yes
Output address area
0 bytes
Disconnection of the outgoing
remote bus
Yes
Parameter channel (PCP)
0 bytes
Reset of the outgoing remote
bus
Yes
Register length (bus)
0 bytes
Monitoring the incoming
remote bus cable
Yes



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com