Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS160WS-C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS160WS-C
Description  Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS160WS-C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS160WS-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS160WS-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCS160WS-C
1A, 60V
Schottky Barrier Rectifiers
Elektronische Bauelemente
25-Apr-2018 Rev. B
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
Guard Ring Protection
Low Forward Voltage Drop
For the use in Low Voltage, High Frequency Inverters
High Surge Current Capability
MARKING
PACKAGE INFORMATION
ORDER INFORMATION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(Rating 25°C ambient temperature unless otherwise s pecified. Single phase half wave, 60Hz, resistive or inductive load.
For capacitive load, de-rate current by 20%.)
Parameter
Symbol
Ratings
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
60
V
Maximum RMS Voltage
VRMS
42
V
Maximum DC Blocking Voltage
VR
60
V
Continuous Forward Current
IF
1
A
Non-Repetitive Peak Forward Surge Current @t=8.3ms
IFSM
10
A
Maximum Instantaneous Forward Voltage @IF=1A
VF
0.7
V
Maximum DC Reverse Current
@Rated DC Blocking Voltage, VR=60V
IR
0.1
mA
Total Power Dissipation
PD
250
mW
Total Capacitance @VR=4V, f=1MHz
CJ
120
pF
Typical Thermal Resistance from Junction-Ambient
RθJA
400
°C/W
Junction and Storage Temperature Range
TJ, TSTG
125, -55~150
°C
SM
Package
MPQ
Leader Size
SOD-323
3K
7 inch
Part Number
Type
SCS160WS-C
Lead (Pb)-free and Halogen-free
SOD-323
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
1.05 REF.
F
1.15
1.45
B
0.20 REF.
G
1.6
1.9
C
0.80
1.00
H
2.30
2.75
D
0.25
0.40
J
0.475 REF
E
0.080
0.20


Similar Part No. - SCS160WS-C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS160WS SECOS-SCS160WS Datasheet
182Kb / 2P
1 A, 60 V Schottky Barrier Rectifiers
More results

Similar Description - SCS160WS-C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com