Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS220P-C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS220P-C
Description  2A Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS220P-C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SCS220P-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS220P-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SCS220P-C~SCS240P-C
Voltage 20V~40V
2A Schottky Barrier Rectifiers
Elektronische Bauelemente
30-Apr-2018 Rev. F
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTIC CURVES
3
5
20
10
0.01
0.04
0.1
0.4
1
2
Instantaneous Forward Voltage - Volts
FIG.1-TYPICAL FORWARD CHARACTERISTICS
0
0.3
0.4
0.5
0.7
0.8
0.9
Volts
°C
T =
Reverse Voltage
J
10
20
100
200
300
600
400
50
.1
2
4
1
10 20
40
50
60
25
FIG.2-JUNCTION CAPACITANCE
1
5
10
30
50
100
0
10
20
30
Peak Forward Surge Current - Amperes versus
Number Of Cycles At 60Hz - Cycles
40
50
FIG.4-PEAK FORWARD SURGE CURRENT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com