Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS0560P-C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SCS0560P-C
Description  Schottky Barrier Rectifiers
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SCS0560P-C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SCS0560P-C Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SCS0560P-C Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SCS0560P-C
0.5A, 60V
Schottky Barrier Rectifiers
Elektronische Bauelemente
26-Apr-2018 Rev. F
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Current Capability
Extremely Low Thermal Resistance
For Surface Mount Application
Higher Temp Soldering: 250°C for 10 Seconds at Term inals
Low Forward Voltage
MECHANICAL DATA
Case: Molded Plastic
Epoxy: UL 94V-0 Rate Flame Retardant
Lead: Solderable Per MIL-STD-202, Method 208 Guaranteed
Polarity: Color Band Denotes Cathode End
Mounting Position: Any
MARKING
PACKAGE INFORMATION
ORDER INFORMATION
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS (T
A=25°C unless otherwise specified.)
Parameter
Symbol
Ratings
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
60
V
Working Peak Reverse Voltage
VRWM
60
V
Maximum DC Blocking Voltage
VR
60
V
Average Forward Current @TJ=25°C
I F(AV)
0.5
A
Peak Forward Current @8.3ms Half Sine
IFSM
10
A
Maximum Instantaneous Forward Voltage
@IFM=0.5A
TA=25°C
VF
0.58
V
TA=125°C
0.45
Maximum DC Reverse Current
@Rated DC Blocking Voltage
TJ=25°C
IR
50
µA
TJ=125°C
2
mA
Typical Junction Capacitance
1
CJ
120
pF
Typical Thermal Resistance from Junction-Ambient
2
RθJA
310
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55~150
°C
Notes:
1.
Measured at 1MHZ and applied reverse of 0V DC.
2.
FR-4 PCB, 2oz. 0.7mm×1.2mm copper pad.
BS
Package
MPQ
Leader Size
SOD-123
3K
7 inch
Part Number
Type
SCS0560P-C
Lead (Pb)-free and Halogen-free
SOD-123
Cathode Band
G
E
A
J
F
D
H
C
B
1
2
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
0.94
1.35
F
1.40
1.80
B
0.10 REF.
G
2.54
2.85
C
1.00
1.30
H
3.55
3.86
D
0.30
0.78
J
0.50 REF.
E
0.08
0.25


Similar Part No. - SCS0560P-C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SCS0560P SECOS-SCS0560P Datasheet
125Kb / 2P
0.5 AMP Schottky Barrier Rectifiers
SCS0560P SECOS-SCS0560P Datasheet
271Kb / 2P
0.5 A, 60 V Schottky Barrier Rectifiers
SCS0560P SECOS-SCS0560P_15 Datasheet
271Kb / 2P
Schottky Barrier Rectifiers
More results

Similar Description - SCS0560P-C

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MBRS320T3 ONSEMI-MBRS320T3 Datasheet
51Kb / 4P
SCHOTTKY BARRIER RECTIFIERS
October, 2000 ??Rev. 3
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Comchip Technology
SR5A20-G COMCHIP-SR5A20-G Datasheet
51Kb / 2P
Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SB1520 DIOTEC-SB1520 Datasheet
95Kb / 2P
Schottky Barrier Rectifiers
logo
Pan Jit International I...
SB120E PANJIT-SB120E Datasheet
120Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB120S PANJIT-SB120S_04 Datasheet
38Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1020CT PANJIT-SB1020CT_05 Datasheet
427Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
SB1620CT PANJIT-SB1620CT_05 Datasheet
86Kb / 2P
SCHOTTKY BARRIER RECTIFIERS
logo
Leshan Radio Company
SB220 LRC-SB220 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Schottky Barrier Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com