Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA7660 Datasheet(PDF) 6 Page - Microchip Technology

Part # TCA7660
Description  HIGH FREQUENCY 7660 DC-TO-DC VOLTAGE CONVERTER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TCA7660 Datasheet(HTML) 6 Page - Microchip Technology

  TCA7660 Datasheet HTML 1Page - Microchip Technology TCA7660 Datasheet HTML 2Page - Microchip Technology TCA7660 Datasheet HTML 3Page - Microchip Technology TCA7660 Datasheet HTML 4Page - Microchip Technology TCA7660 Datasheet HTML 5Page - Microchip Technology TCA7660 Datasheet HTML 6Page - Microchip Technology TCA7660 Datasheet HTML 7Page - Microchip Technology TCA7660 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
TC7660H
HIGH FREQUENCY 7660 DC-TO-DC
VOLTAGE CONVERTER
TC7660H-2 10/1/96
© 2001 Microchip Technology Inc.
DS21466A
Efficient Positive Voltage Multiplication/
Conversion
Since the switches that allow the charge pumping op-
eration are bidirectional, the charge transfer can be per-
formed backwards as easily as forwards. Figure 9 shows a
TC7660H transforming –5V to +5V (or +5V to +10V, etc.).
The only problem here is that the internal clock and switch-
drive section will not operate until some positive voltage has
been generated. An initial inefficient pump, as shown in
Figure 9, could be used to start this circuit up, after which it
will bypass the diode and resistor shown dotted in
Figure 9.
1
2
3
4
8
7
6
5
+
VOUT = –V
–
1.0
µF
+
1 M
Ω
V– INPUT
C1
1.0
µF
TC7660H
Figure 9. Positive Voltage Conversion
TYPICAL PERFORMANCE CHARACTERISTICS (Circuit of Figure 1)
500
450
400
200
150
100
50
0
–55
–25
0
+25
+50
+75 +100 +125
Output Source Resistance vs. Temperature
V + = +2V
V + = +5V
78
10k
1k
100
Ω
TA = +25°C
Output Source Resistance vs. Supply Voltage
6
5
4
3
2
1
0
SUPPLY VOLTAGE (V)
TEMPERATURE (
°C)
IOUT = 1 mA
10
Ω
OUTPUT CURRENT (mA)
0
0
Output Voltage vs. Output Current
CI C2 =1µF
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
10
20 30 40 50
60 70 80
90 100
TA = +25°C
LV OPEN
LOAD CURRENT (mA)
Output Voltage vs. Load Current
1
0
5
4
3
2
0
–1
–2
–3
–4
–5
10
20
30
40
50
60
70
80
TA = +25°C
V+ = +5V
SLOPE 55
Ω



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com