Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

USB97C201 Datasheet(PDF) 6 Page - SMSC Corporation

Part # USB97C201
Description  USB 2.0 ATA/ ATAPI Controller
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMSC [SMSC Corporation]
Direct Link  http://www.smsc.com
Logo SMSC - SMSC Corporation

USB97C201 Datasheet(HTML) 6 Page - SMSC Corporation

Back Button USB97C201 Datasheet HTML 2Page - SMSC Corporation USB97C201 Datasheet HTML 3Page - SMSC Corporation USB97C201 Datasheet HTML 4Page - SMSC Corporation USB97C201 Datasheet HTML 5Page - SMSC Corporation USB97C201 Datasheet HTML 6Page - SMSC Corporation USB97C201 Datasheet HTML 7Page - SMSC Corporation USB97C201 Datasheet HTML 8Page - SMSC Corporation USB97C201 Datasheet HTML 9Page - SMSC Corporation USB97C201 Datasheet HTML 10Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 59 page
background image
SMSC DS – USB97C201
Page 6
Rev. 03/25/2002
PRELIMINARY
1.0 GENERAL DESCRIPTION
The USB97C201 is a USB2.0 Mass Storage Class Peripheral Controller intended for use with standard ATA hard
drives and standard ATAPI-5 devices.
The device consists of a USB 2.0 PHY and SIE, buffers, Fast 8051 microprocessor with expanded scratchpad and
768 of program SRAM, and an ATA-66 compatible interface.
Provisions for external Flash Memory up to 64K bytes for program storage is provided.
Internal 768 Bytes of program SRAM are also provided.. This internal SRAM is used for program storage to
implement program upgrade via USB download to “boot block” Flash program memory, if desired.
Eight GPIO pins are provided for controlling external power control elements and sensing specialized drive functions.
Provisions are made to allow dynamic attach and re-attach to the USB bus to allow hot swap of drives to be
implemented.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com