Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8553 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 8553
Description  AXL E ETH DI8 DO4 2A M12 6P
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8553 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  8553 Datasheet HTML 1Page - PHOENIX CONTACT 8553 Datasheet HTML 2Page - PHOENIX CONTACT 8553 Datasheet HTML 3Page - PHOENIX CONTACT 8553 Datasheet HTML 4Page - PHOENIX CONTACT 8553 Datasheet HTML 5Page - PHOENIX CONTACT 8553 Datasheet HTML 6Page - PHOENIX CONTACT 8553 Datasheet HTML 7Page - PHOENIX CONTACT 8553 Datasheet HTML 8Page - PHOENIX CONTACT 8553 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
1Description
Axioline E Ethernet device,
plastic housing, 8 inputs, 4 outputs,
24 V DC, M12 fast connection technology
AXL E ETH DI8 DO4 2A M12 6P
© PHOENIX CONTACT
Data sheet
The Axioline E device is designed for use within an Ethernet
network (Modbus/TCP).
It is used to acquire and output digital signals.
Ethernet features
–
2 Ethernet ports (with integrated switch)
–
Supported protocols:
SNMP v1, HTTP, TFTP, FTP, BootP, DHCP
–
Specification: Modbus application protocol V1.1b
–Firmware can be updated
–
Integrated web server for web-based management
Axioline E features
–
Connection to Ethernet network (Modbus/TCP)
using M12 connectors (D-coded)
–
Transmission speed of 10 Mbps and 100 Mbps
–
Connection of digital sensors and actuators
to M12 connectors (A-coded)
–
Diagnostic and status indicators
–
Short-circuit and overload protection
of the sensor supply
–
IP65/67 degree of protection
This data sheet is only valid in association with the associated user manual.
Make sure you always use the latest documentation.
It can be downloaded from the product at phoenixcontact.net/products.
By default upon delivery, the process data watchdog is deactivated.
8553_en_03
2016-02-08


Similar Part No. - 8553

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
8553 BELDEN-8553 Datasheet
387Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset: Male straight D-coded
02-03-2025
logo
Molex Electronics Ltd.
85533 MOLEX-85533 Datasheet
332Kb / 2P
Modular Jack HyperJack
85533-0002 MOLEX-85533-0002 Datasheet
332Kb / 2P
Modular Jack HyperJack
logo
TE Connectivity Ltd
855366-000 TEC-855366-000 Datasheet
189Kb / 5P
202237-1
logo
TriQuint Semiconductor
855377 TRIQUINT-855377 Datasheet
522Kb / 5P
350 MHz SAW Filter
More results

Similar Description - 8553

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
8428 PHOENIX-8428 Datasheet
339Kb / 28P
AXL E EIP DI8 DO4 2A M12 6P
8438 PHOENIX-8438 Datasheet
290Kb / 17P
AXL E PB DI8 DO4 2A M12 6P
8449 PHOENIX-8449 Datasheet
301Kb / 18P
AXL E PN DI8 DO4 2A M12 6P
8543 PHOENIX-8543 Datasheet
333Kb / 25P
AXL E EC DI8 DO4 2A M12 6P
8548 PHOENIX-8548 Datasheet
321Kb / 22P
AXL E ETH DI8 DO4 2A M12 6M
8550 PHOENIX-8550 Datasheet
323Kb / 22P
AXL E ETH DI8 DO8 M12 6P
8563 PHOENIX-8563 Datasheet
322Kb / 23P
AXL E S3 DI8 DO4 2A M12 6P
2701502 PHOENIX-2701502 Datasheet
1Mb / 33P
Digital module - AXL E PB DI8 DO4 2A M12 6P
2701535 PHOENIX-2701535 Datasheet
1Mb / 31P
Digital module - AXL E ETH DI8 DO4 2A M12 6P
2701546 PHOENIX-2701546 Datasheet
1Mb / 31P
Digital module - AXL E S3 DI8 DO4 2A M12 6P
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com