Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8558 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 8558
Description  AXL E S3 DI8 DO4 2A M12 6M
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

8558 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  8558 Datasheet HTML 1Page - PHOENIX CONTACT 8558 Datasheet HTML 2Page - PHOENIX CONTACT 8558 Datasheet HTML 3Page - PHOENIX CONTACT 8558 Datasheet HTML 4Page - PHOENIX CONTACT 8558 Datasheet HTML 5Page - PHOENIX CONTACT 8558 Datasheet HTML 6Page - PHOENIX CONTACT 8558 Datasheet HTML 7Page - PHOENIX CONTACT 8558 Datasheet HTML 8Page - PHOENIX CONTACT 8558 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
AXL E S3 DI8 DO4 2A M12 6M
8558_en_04
PHOENIX CONTACT
2
2Table of contents
1
Description .............................................................................................................................. 1
2
Table of contents ..................................................................................................................... 2
3
Ordering data .......................................................................................................................... 3
4
Technical data ......................................................................................................................... 4
5
Internal circuit diagram ............................................................................................................ 7
6
Pin assignment ........................................................................................................................ 8
7
Connection example.............................................................................................................. 10
8
Connection notes .................................................................................................................. 10
9
Configuration via rotary encoding switch ............................................................................... 11
10
Local status and diagnostic indicators ................................................................................... 12
11
Sercos realtime connections ................................................................................................. 15
12
Sercos profiles, classes and function groups......................................................................... 15
13
Sercos parameter .................................................................................................................. 16
14
Password (IDN S-0-00267).................................................................................................... 19
15
IP address assignment .......................................................................................................... 19
16
Monitoring connection (connection setup, IDN S-0-1050.x.1) ............................................... 19
17
Electronic rating plate (IDNs S-0-1300.x.y)............................................................................ 19
18
Substitute value behavior ...................................................................................................... 20
19
Diagnostics: I/O and channel errors....................................................................................... 21
20
Mapping the I/Os to Sercos ................................................................................................... 21
21
Delivery state/default settings ................................................................................................ 23
22
Restoring the default settings ................................................................................................23
23
Firmware started.................................................................................................................... 23
24
Firmware update.................................................................................................................... 23
25
WBM - Web-based management .......................................................................................... 23
26
Device description file (SDDml) ............................................................................................. 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com