Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP02452 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP02452
Description  SAW Filter 1842.50MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP02452 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP02452 Datasheet HTML 1Page - Golledge Electronics Ltd MP02452 Datasheet HTML 2Page - Golledge Electronics Ltd MP02452 Datasheet HTML 3Page - Golledge Electronics Ltd MP02452 Datasheet HTML 4Page - Golledge Electronics Ltd MP02452 Datasheet HTML 5Page - Golledge Electronics Ltd MP02452 Datasheet HTML 6Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 1842.50MHz
Model: TA0763A
Part No: MP02452
Rev No: 1
TA0763A v1
1

HP Network analyzer

SAW Filter
B
E
A,C,D,F
A. MAXIMUM RATING:
1. Input Power Level: +20dBm
2. DC voltage: 0V
3. Operating Temperature: -30°C to +85°C
4. Storage Temperature: -40°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Item
Min.
Typ.
Max.
Center frequency Fc (dB)
-
1842.5
-
Insertion loss within 1805 ~ 1880MHz IL (dB)
-
2.2
3.8
Amplitude ripple (p-p) within 1805 ~ 1880MHz (dB)
-
1.3
2.3
Attenuation (Reference level from 0dB)
DC ~ 1500MHz (dB)
20.0
24.5
-
1600 ~ 1710MHz (dB)
22.0
25.0
-
1710 ~ 1785MHz (dB)
10.0
23.5
-
1920 ~ 3120MHz (dB)
25.0
28.0
-
3120 ~ 4000MHz (dB)
17.0
30.0
-
VSWR within 1805 ~ 1880MHz
-
1.9
2.6
Source impedance ZS (Ω)
-
50
-
Load impedance ZL (Ω)
-
50
-
Note: No matching network required for operation at 50Ω
C. MATCHING CIRCUIT:


Similar Part No. - MP02452

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP02458 GOLLEDGE-MP02458 Datasheet
229Kb / 6P
SAW Filter 2017MHz
MP02459 GOLLEDGE-MP02459 Datasheet
69Kb / 4P
SAW Filter 2017.50MHz
More results

Similar Description - MP02452

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
TDK Electronics
B39232B3526U510 TDK-B39232B3526U510 Datasheet
128Kb / 9P
SAW Components SAW filter
B39202B9467P810 TDK-B39202B9467P810 Datasheet
116Kb / 8P
SAW Components SAW filter
B39202B9477P810 TDK-B39202B9477P810 Datasheet
205Kb / 8P
SAW Components SAW Filter
B39202B9484P810 TDK-B39202B9484P810 Datasheet
121Kb / 8P
SAW Components SAW filter
logo
Golledge Electronics Lt...
MA05900 GOLLEDGE-MA05900 Datasheet
194Kb / 6P
SAW Filter 1842.50MHz
MA05899 GOLLEDGE-MA05899 Datasheet
76Kb / 6P
SAW Filter 1842.50MHz
MA07614 GOLLEDGE-MA07614 Datasheet
73Kb / 6P
1842.50MHz SAW Filter
MP07831 GOLLEDGE-MP07831 Datasheet
301Kb / 8P
SAW Filter 1842.50MHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com