Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MP02459 Datasheet(PDF) 1 Page - Golledge Electronics Ltd

Part # MP02459
Description  SAW Filter 2017.50MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOLLEDGE [Golledge Electronics Ltd]
Direct Link  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

MP02459 Datasheet(HTML) 1 Page - Golledge Electronics Ltd

  MP02459 Datasheet HTML 1Page - Golledge Electronics Ltd MP02459 Datasheet HTML 2Page - Golledge Electronics Ltd MP02459 Datasheet HTML 3Page - Golledge Electronics Ltd MP02459 Datasheet HTML 4Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
www.golledge.com
Golledge Electronics Ltd
Eaglewood Park, ILMINSTER
Somerset, TA19 9DQ, UK
SAW Filter 2017.50MHz
Model: TA0946A
Part No: MP02459
REV NO.: 1
TA0946A v1
1
A. MAXIMUM RATING:
1.Input Power Level: 10 dBm
2.DC voltage: 5 V
3.Operating Temperature: -30
°C to +85°C
4.Storage Temperature: -40
°C to +85°C
B. ELECTRICAL CHARACTERISTICS:
Parameters Description
Unit
Min
Typ
Max
Center Frequency (Fo)
MHz
-
2017.5
-
Insertion Loss within 2010.0~2025.0 MHz
dB
-
1.8
2.5
Amplitude Ripple within 2010.0~2025.0
dBp-p
-
0.6
1.5
Attenuation:
D.C. ~ 1820.0 MHz
dB
25
33
-
1820.0 ~ 1850.0 MHz
dB
28
35
-
1850.0 ~ 1950.0 MHz
dB
25
33
-
2085.0 ~ 2400.0 MHz
dB
25
38
-
2400.0 ~ 2430.0 MHz
dB
25
38
-
2430.0 ~ 3000.0 MHz
dB
25
38
-
3000.0 ~ 4010.0 MHz
dB
28
33
-
4010.0 ~ 6000.0 MHz
dB
15
26
-
VSWR within 2010.0~2025.0 MHz
-
-
1.3
2.0
C. MEASUREMENT CIRCUIT:
Source & Load Impedance: 50
Ω


Similar Part No. - MP02459

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
MP02452 GOLLEDGE-MP02452 Datasheet
206Kb / 6P
SAW Filter 1842.50MHz
MP02458 GOLLEDGE-MP02458 Datasheet
229Kb / 6P
SAW Filter 2017MHz
More results

Similar Description - MP02459

ManufacturerPart #DatasheetDescription
logo
SIPAT Co,Ltd
LBT70A39 SIPAT-LBT70A39_10 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
LBT70A39 SIPAT-LBT70A39 Datasheet
157Kb / 4P
70MHz SAW Filter 70MHz SAW Filter
logo
Abracon Corporation
AFS14A15-2017.50-T3 ABRACON-AFS14A15-2017.50-T3 Datasheet
1Mb / 4P
Surface Mount 2017.50MHz SAW Filter
04.16.13
AFS20A15-2017.50-T3 ABRACON-AFS20A15-2017.50-T3 Datasheet
2Mb / 4P
Surface Mount 2017.50MHz SAW Filter
04.16.13
AFS14A15-2017.50-T2 ABRACON-AFS14A15-2017.50-T2 Datasheet
2Mb / 4P
Surface Mount 2017.50MHz SAW Filter
07.23.12
AFS20-2D ABRACON-AFS20-2D Datasheet
403Kb / 1P
SURFACE MOUNT 2017.50MHz SAW FILTER
logo
Golledge Electronics Lt...
MP04467 GOLLEDGE-MP04467 Datasheet
132Kb / 6P
SAW Filter 2017.50MHz
MP04469 GOLLEDGE-MP04469 Datasheet
161Kb / 6P
SAW Filter 2017.50MHz
MP03900 GOLLEDGE-MP03900 Datasheet
106Kb / 6P
SAW Filter 2017.50MHz
MP04468 GOLLEDGE-MP04468 Datasheet
144Kb / 6P
SAW Filter 2017.50MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com