Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2PD2150 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 2PD2150
Description  20 V, 3 A NPN low VCEsat transistor
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2PD2150 Datasheet(HTML) 3 Page - NXP Semiconductors

  2PD2150 Datasheet HTML 1Page - NXP Semiconductors 2PD2150 Datasheet HTML 2Page - NXP Semiconductors 2PD2150 Datasheet HTML 3Page - NXP Semiconductors 2PD2150 Datasheet HTML 4Page - NXP Semiconductors 2PD2150 Datasheet HTML 5Page - NXP Semiconductors 2PD2150 Datasheet HTML 6Page - NXP Semiconductors 2PD2150 Datasheet HTML 7Page - NXP Semiconductors 2PD2150 Datasheet HTML 8Page - NXP Semiconductors 2PD2150 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
9397 750 14987
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 22 April 2005
3 of 11
Philips Semiconductors
2PD2150
20 V, 3 A NPN low VCEsat (BISS) transistor
5.
Limiting values
[1]
Device mounted on an FR4 PCB, single-sided copper, tin-plated and standard footprint.
[2]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 1 cm2.
[3]
Device mounted on an FR4 PCB, single-sided copper, tin-plated, mounting pad for collector 6 cm2.
Table 5:
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VCBO
collector-base voltage
open emitter
-
40
V
VCEO
collector-emitter voltage
open base
-
20
V
VEBO
emitter-base voltage
open collector
-
5
V
IC
collector current (DC)
-
1
A
ICM
peak collector current
single pulse;
tp ≤ 1ms
-3
A
Ptot
total power dissipation
Tamb ≤ 25 °C
[1] -
500
mW
[2] -
850
mW
[3] -
1200
mW
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C
(1) FR4 PCB; mounting pad for collector 6 cm2
(2) FR4 PCB; mounting pad for collector 1 cm2
(3) FR4 PCB; standard footprint
Fig 1.
Power derating curves
Tamb (
°C)
−65 −35
175
115
−5
55
145
25
85
006aaa449
800
400
1200
1600
Ptot
(mW)
0
(1)
(2)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com