Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2PD601AQ Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 2PD601AQ
Description  NPN general purpose transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

2PD601AQ Datasheet(HTML) 3 Page - NXP Semiconductors

  2PD601AQ Datasheet HTML 1Page - NXP Semiconductors 2PD601AQ Datasheet HTML 2Page - NXP Semiconductors 2PD601AQ Datasheet HTML 3Page - NXP Semiconductors 2PD601AQ Datasheet HTML 4Page - NXP Semiconductors 2PD601AQ Datasheet HTML 5Page - NXP Semiconductors 2PD601AQ Datasheet HTML 6Page - NXP Semiconductors 2PD601AQ Datasheet HTML 7Page - NXP Semiconductors 2PD601AQ Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2002 Jun 26
3
Philips Semiconductors
Preliminary specification
NPN general purpose transistor
2PD601AW
THERMAL CHARACTERISTICS
Note
1. For mounting conditions, see
“Thermal considerations and footprint design for SOT323 in the General Part of Data
Handbook SC18”.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Note
1. Pulse test: tp ≤ 300 µs; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
625
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
ICBO
collector-base cut-off current
IE = 0; VCB =60V
−
10
nA
IE = 0; VCB = 60 V; Tj = 150 °C
−
5
µA
IEBO
emitter-base cut-off current
IC = 0; VEB =5V
−
10
nA
hFE
DC current gain
IC = 100 mA; VCE = 2 V; note 1
90
−
DC current gain
IC = 2 mA; VCE =10V
2PD601AQW
160
260
2PD601ARW
210
340
2PD601ASW
290
460
VCEsat
collector-emitter saturation voltage
IC = 100 mA; IB = 10 mA; note 1
−
500
mV
Cc
collector capacitance
IE =ie = 0; VCB = 10 V; f = 1 MHz
−
3.5
pF
fT
transition frequency
IC = 2 mA; VCE =10V;
f = 100 MHz
2PD601AQW
100
−
MHz
2PD601ARW
120
−
MHz
2PD601ASW
140
−
MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com