Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LSI1012XT3G Datasheet(PDF) 1 Page - Leshan Radio Company

Part # LSI1012XT3G
Description  N-Channel 1.8-V (G-S) MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LSI1012XT3G Datasheet(HTML) 1 Page - Leshan Radio Company

  LSI1012XT3G Datasheet HTML 1Page - Leshan Radio Company LSI1012XT3G Datasheet HTML 2Page - Leshan Radio Company LSI1012XT3G Datasheet HTML 3Page - Leshan Radio Company LSI1012XT3G Datasheet HTML 4Page - Leshan Radio Company LSI1012XT3G Datasheet HTML 5Page - Leshan Radio Company LSI1012XT3G Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
S-LSI1012XT1G
SC-89
10000/Tape&Reel
ORDERING INFORMATION
Device
Shipping
3000/Tape&Reel
LSI1012XT1G
LSI1012XT3G
Marking
MARKING DIAGRAM
A = Specific Device Code
M = Month Code
A
1
3
2
(Top View)
Drain
Gate
3
1
2
Source
A
A
FEATURES
D TrenchFETr Power MOSFET: 1.8-V Rated
D Gate-Source ESD Protected
D High-Side Switching
D Low On-Resistance: 0.7 W
D Low Threshold: 0.8 V (typ)
D Fast Switching Speed: 10 ns
BENEFITS
D Ease in Driving Switches
D Low Offset (Error) Voltage
D Low-Voltage Operation
D High-Speed Circuits
D Low Battery Voltage Operation
APPLICATIONS
D Drivers: Relays, Solenoids, Lamps, Hammers,
Displays, Memories
D Battery Operated Systems
D Power Supply Converter Circuits
D Load/Power Switching Cell Phones, Pagers
N-Channel 1.8-V (G-S) MOSFET
ABSOLUTE MAXIMUM RATINGS (TA = 25_C UNLESS OTHERWISE NOTED)
Parameter
Symbol
5 secs
Steady State
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
"6
V
Continuous Drain Current (TJ = 150_C)b
TA = 25_C
ID
600
500
Continuous Drain Current (TJ = 150_C)b
TA = 85_C
ID
400
350
mA
Pulsed Drain Currenta
IDM
1000
mA
Continuous Source Current (diode conduction)b
IS
275
250
Maximum Power Dissipationb for SC 75
TA = 25_C
175
150
Maximum Power Dissipationb for SC-75
TA = 85_C
PD
90
80
mW
Maximum Power Dissipationb for SC 89
TA = 25_C
PD
275
250
mW
Maximum Power Dissipationb for SC-89
TA = 85_C
160
140
Operating Junction and Storage Temperature Range
TJ, Tstg
−55 to 150
_C
Notes
d.
Pulse width limited by maximum junction temperature.
e.
Surface Mounted on FR4 Board.
Rev .A 1/6
LSI1012XT1G
D S- Prefix for Automotive and Other Applications Requiring
Unique Site and Control Change Requirements; AEC-Q101
Qualified and PPAP Capable.
S-LSI1012XT1G
S-LSI1012XT3G


Similar Part No. - LSI1012XT3G

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LSI1012XT1G LRC-LSI1012XT1G Datasheet
324Kb / 6P
N-Channel 1.8-V (G-S) MOSFET
LSI1012XT1G LRC-LSI1012XT1G_15 Datasheet
324Kb / 6P
N-Channel 1.8-V (G-S) MOSFET
More results

Similar Description - LSI1012XT3G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1012R VISHAY-SI1012R Datasheet
50Kb / 5P
N-Channel 1.8-V (G-S) MOSFET
25-Oct-00
SI1012R VISHAY-SI1012R_05 Datasheet
94Kb / 6P
N-Channel 1.8-V (G-S) MOSFET
28-Feb-05
SI1012R VISHAY-SI1012R_10 Datasheet
204Kb / 10P
N-Channel 1.8 V (G-S) MOSFET
25-Oct-10
logo
Leshan Radio Company
LSI1012LT1G LRC-LSI1012LT1G_15 Datasheet
457Kb / 6P
N-Channel 1.8-V (G-S) MOSFET
LSI1012N3T5G LRC-LSI1012N3T5G_15 Datasheet
398Kb / 6P
N-Channel 1.8-V (G-S) MOSFET
LSI1012XT1G LRC-LSI1012XT1G_15 Datasheet
324Kb / 6P
N-Channel 1.8-V (G-S) MOSFET
logo
Vishay Siliconix
SI1012R VISHAY-SI1012R_17 Datasheet
172Kb / 8P
N-Channel 1.8 V (G-S) MOSFET
15-Apr-13
logo
Leshan Radio Company
LSI1012LT1G LRC-LSI1012LT1G Datasheet
442Kb / 5P
N-Channel 1.8-V (G-S) MOSFET
LSI1012N3T5G LRC-LSI1012N3T5G Datasheet
323Kb / 5P
N-Channel 1.8-V (G-S) MOSFET
logo
First Silicon Co., Ltd
FTK1012S FS-FTK1012S Datasheet
353Kb / 5P
N-Channel 1.8-V (G-S) MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com