Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8458 Datasheet(PDF) 8 Page - AVX Corporation

Part # 8458
Description  Male Style 1/2 B Press-Fit
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

8458 Datasheet(HTML) 8 Page - AVX Corporation

Back Button 8458 Datasheet HTML 3Page - AVX Corporation 8458 Datasheet HTML 4Page - AVX Corporation 8458 Datasheet HTML 5Page - AVX Corporation 8458 Datasheet HTML 6Page - AVX Corporation 8458 Datasheet HTML 7Page - AVX Corporation 8458 Datasheet HTML 8Page - AVX Corporation 8458 Datasheet HTML 9Page - AVX Corporation 8458 Datasheet HTML 10Page - AVX Corporation 8458 Datasheet HTML 11Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
75
Male Style C Press-Fit
Series 8458 – 3 rows (3 x 32)
No. Contact
Contact
Positions
Rows
A
B
C
D
E
96
3 (3 x 32)
31
78.74
85.29
88.90
93.90
(3.100)
(3.358)
(3.500)
(3.697)
denotes ground pin
Contact Design
Part Number
and
Number of
Performance classes according to DIN 41612
Termination Length
Contacts
Loading Description
II
I
for
≥ 2.4 mm PCB's
96
a + b + c fully loaded
10 8458 096 001 025
10 8458 096 001 049
64
a + c fully loaded
10 8458 096 001 026
10 8458 096 001 050
32
a + c even loading
10 8458 096 001 033
10 8458 096 001 057
0.6 x 0.6 mm Post Profile
32
a loading only
10 8458 096 001 027
10 8458 096 001 051
5.3 mm (Y) Right Angled
94 + 2
fully loaded + ground
10 8458 096 101 025
10 8458 096 101 049
for 1.6 mm PCB's
96
a + b + c fully loaded
10 8458 096 031 025
10 8458 096 031 049
64
a + c fully loaded
10 8458 096 031 026
10 8458 096 031 050
32
a + c even loading
10 8458 096 031 033
10 8458 096 031 057
0.6 x 0.6 mm Post Profile
32
a loading only
10 8458 096 031 027
10 8458 096 031 051
3.0 mm (Y) Right Angled
94 + 2
fully loaded + ground
10 8458 096 131 025
10 8458 096 131 049
96 contacts, rows a + b + c fully loaded
●●●●
c
●●●●
b
●●●●
a
64 contacts, rows a + c fully loaded
●●●●
c
✕✕✕✕
b
●●●●
a
32 contacts, row a loading only
✕✕✕✕
c
✕✕✕✕
b
●●●●
a
94 + 2 contacts, fully loaded
with ground in A1 + A32
●●●●
c
●●●●
b
●●●●
a
32 contacts, rows a + c even loading
✕●
✕●
c
✕✕✕✕
b
✕●
✕●
a
DIMENSIONS
LOADING DESCRIPTION
NB: Alternative Prefix Variations Available: 12, please refer to Page 10.
Additional Plating & Loading Variations: Please contact your local AVX sales office or distributor.
Unit: millimeters (inches)
E
Ø .0453
ROW A
ROW B
ROW A
GROUND
CONTACT
1
1
D
D
C
+.0000
-.0010
+0.00
-0.025
Ø 1.15
+.0035
-.0024
Ø .039
Ø 1.00
+0.09
-0.06
DRILLED
HOLE
PLATED
THRU HOLE
SEE
SPEC.
KEYING
Y
ROW C
ROW B
ROW C
A EQ SP @ 2.54 [0.100] = B
For Y dimension see
contact design
8.74
[0.344]
11.0
[0.433]
11.0
[0.433]
13.6
[0.535]
12.7
[0.500]
DIA
2.54
[0.100]
5.08
[0.200]
DIA
2.84
[0.112]
5.31
[0.209]
HOLE PATTERN
A EQ SP @ 2.54 [0.100] = B
2.54
[0.100]
5.08
[0.200]
1
Assembly Tool: 06 8458 9271 00 000 (see page 67)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com