Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8477 Datasheet(PDF) 13 Page - AVX Corporation

Part # 8477
Description  Female Style 1/2 Q
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

8477 Datasheet(HTML) 13 Page - AVX Corporation

Back Button 8477 Datasheet HTML 6Page - AVX Corporation 8477 Datasheet HTML 7Page - AVX Corporation 8477 Datasheet HTML 8Page - AVX Corporation 8477 Datasheet HTML 9Page - AVX Corporation 8477 Datasheet HTML 10Page - AVX Corporation 8477 Datasheet HTML 11Page - AVX Corporation 8477 Datasheet HTML 12Page - AVX Corporation 8477 Datasheet HTML 13Page - AVX Corporation 8477 Datasheet HTML 14Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
63
No. Contact
Contact
Positions
Rows
A
B
C
D
E
F
160
5 (5 x 32)
31
78.74
85.29
87.91
89.99
94.89
(3.100)
(3.358)
(3.461)
(3.543)
(3.736)
Male Style R Expanded
Series 8477 – 5 rows (5 x 32) Inverted
Contact Design
Part Number
and
Number of
Performance classes according to DIN 41612
Termination Length
Contacts
Loading Description
II
I
160
a + b + c + d + e fully loaded
10 8477 160 001 025
10 8477 160 001 049
2.9 mm (Y)
158 + 2
5 rows fully loaded + ground
10 8477 160 101 025
10 8477 160 101 049
Straight
160
a + b + c + d + e fully loaded
10 8477 160 002 025
10 8477 160 002 049
4.5 mm (Y)
158 + 2
5 rows fully loaded + ground
10 8477 160 102 025
10 8477 160 102 049
Straight
9.5 mm (Y)
160
a + b + c + d + e fully loaded
10 8477 160 005 025
10 8477 160 005 049
Straight
13.0 mm (Y)
160
a + b + c + d + e fully loaded
10 8477 160 006 025
10 8477 160 006 049
Straight
158 + 2
5 rows fully loaded + ground
10 8477 160 106 025
10 8477 160 106 049
14.5 mm (Y)
160
a + b + c + d + e fully loaded
10 8477 160 007 025
10 8477 160 007 049
Straight
●●●●
●
e
●●●●
●
d
●●●●
●
c
●●●●
●
b
●●●●
●
a
160 a + b + c + d + e fully loaded
denotes ground pin
●●●●
●
e
●●●●
●
d
●●●●
●
c
●●●●
●
b
●●●●
●
a
158 + 2 contacts, fully loaded
with ground in A1 & A32
DIMENSIONS
LOADING DESCRIPTION
NB: Alternative Prefix Variations Available: 12, 14, 15, 16 & 17, please refer to Page 10.
Additional Plating & Loading Variations: Please contact your local AVX sales office or distributor.
Unit: millimeters (inches)
HOLE PATTERN
For Y dimension see
contact design
ROW A
ROW D
E
ROW B
2.80
[0.110]
16.13
[0.635]
18.7
[0.736]
KEYING
GROUND
CONTACT
1
D
Y
1
ROW B
ROW D
ROW E
E
F
ROW C
ROW C
ROW A
ROW E
13.8
[0.544]
16.1
[0.635]
DIA.
DIA.
2.84
[0.112]
DIA.
C
A EQ SP @ 2.54 [0.100] = B
A EQ SP @ 2.54 [0.100] = B
1.02
[0.040]
DIA.
2.54
[0.100]
2.54
[0.100]
2.54
[0.100]
2.54
[0.100]
0.30
[0.012]
0.30
[0.012]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com