Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8489 Datasheet(PDF) 7 Page - AVX Corporation

Part # 8489
Description  Style M Connectors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

8489 Datasheet(HTML) 7 Page - AVX Corporation

  8489 Datasheet HTML 1Page - AVX Corporation 8489 Datasheet HTML 2Page - AVX Corporation 8489 Datasheet HTML 3Page - AVX Corporation 8489 Datasheet HTML 4Page - AVX Corporation 8489 Datasheet HTML 5Page - AVX Corporation 8489 Datasheet HTML 6Page - AVX Corporation 8489 Datasheet HTML 7Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
82
Style M Contacts
Series 8489 – Special Contacts for Style M Connectors
Variation
Termination
ØA*
Performance
Ordering Code
Screw Ø3M
40 Ampere max.
70 8485 0214 00 343
.114 (2.90) for
.118 (3.00)
PCB hole
Press-Fit
Note: set
40 Ampere max.
70 8485 0314 00 343
PCB hole
spec
drilled hole 3.1-0.02
finish hole 3.0+0.04-0.06
NB: Please refer to page 49 for other special contacts and tools for Press-Fit Style M Connectors.
HIGH POWER RECEPTACLE CONTACT FOR RECEPTACLE SERIES 8484
19.5
[0.768]
± 0.012
± 0.008
15.8
[0.622]
PRESS-FIT SECTION FOR
PLATED HOLE 3.0MM DIA



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com