Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WS6264LLP Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # WS6264LLP
Description  High Speed Super Low Power SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

WS6264LLP Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  WS6264LLP Datasheet HTML 1Page - List of Unclassifed Manufacturers WS6264LLP Datasheet HTML 2Page - List of Unclassifed Manufacturers WS6264LLP Datasheet HTML 3Page - List of Unclassifed Manufacturers WS6264LLP Datasheet HTML 4Page - List of Unclassifed Manufacturers WS6264LLP Datasheet HTML 5Page - List of Unclassifed Manufacturers WS6264LLP Datasheet HTML 6Page - List of Unclassifed Manufacturers WS6264LLP Datasheet HTML 7Page - List of Unclassifed Manufacturers WS6264LLP Datasheet HTML 8Page - List of Unclassifed Manufacturers WS6264LLP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Rev. 1.0
5
DC ELECTRICAL CHARACTERISTICS ( TA = 0o ~70oC, Vcc = 5.0V) )
Name
Parameter
Test Condition
MIN
TYP(1)
MAX
Unit
VIL
Guaranteed Input Low
Voltage
(2)
Vcc=5.0V
-0.5
0.8
V
VIH
Guaranteed Input High
Voltage
(2)
Vcc=5.0V
2.2
Vcc+0.5
V
IIL
Input Leakage Current
VCC=MAX, VIN=0 to VCC
-1
1
uA
IOL
Output Leakage Current
VCC=MAX, /CE1=VIh, or
CE2= VIL, or /OE=VIh ,or
/WE= VIL VIO=0V to VCC
-1
1
uA
VOL
Output Low Voltage
VCC=MAX, IOL = 1mA
0.4
V
VOH
Output High Voltage
VCC=MIN, IOH = -1mA
2.4
V
ICC
Operating Power Supply
Current
/CE1=VIL, IDQ=0mA,
F=FMAX =1/ tRC
30
mA
ICCSB TTL Standby Supply
/CE1=VIH, IDQ=0mA,
10
mA
ICCSB1 CMOS Standby Current
/CE1≧VCC-0.2V, CE2= 0.2V,
VIN≧VCC-0.2V or VIN≦0.2V,
1
10
uA
1. Typical characteristics are at TA = 25
oC.
2. These are absolute values with respect to device ground and all overshoots due to system or tester notice are
included.
High Speed Super Low Power SRAM
8K-Word By 8 Bit
WS6264



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com